Electronic Components Datasheet Search
  English  ▼

X  

ADP5042 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP5042
Description  Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5042 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP5042 Datasheet HTML 22Page - Analog Devices ADP5042 Datasheet HTML 23Page - Analog Devices ADP5042 Datasheet HTML 24Page - Analog Devices ADP5042 Datasheet HTML 25Page - Analog Devices ADP5042 Datasheet HTML 26Page - Analog Devices ADP5042 Datasheet HTML 27Page - Analog Devices ADP5042 Datasheet HTML 28Page - Analog Devices ADP5042 Datasheet HTML 29Page - Analog Devices ADP5042 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADP5042
Rev. 0 | Page 26 of 32
using a slightly longer watchdog timeout. In the program that
calls the subroutine, WDI1 is set high. The subroutine sets
WDI1 low when it is called. If the program executes without error,
WDI1 is toggled high and low with every loop of the program.
If the subroutine enters an infinite loop, WDI1 is kept low, the
watchdog times out, and the microprocessor is reset (see
Figure 65).
START
SET WDI
HIGH
PROGRAM
CODE
SUBROUTINE
SET WDI
LOW
RETURN
INFINITE LOOP:
WATCHDOG
TIMES OUT
RESET
Figure 65. Watchdog Flow Diagram
The second watchdog, refreshed through the WDI2 pin, is
useful in applications where safety is a very critical factor and
the system must recover from unwanted operations, for example, a
processor stuck in a continuous loop where Watchdog 1 is kept
refreshed or environmental conditions that may unset or damage
the processor port controlling the WDI1 pin. In the event of a
Watchdog 2 timeout, the ADP5042 power cycles all the supplied
rails to guarantee a clean processor start.
ADP5042
MICROPROCESSOR
VCC
VOUT1
VOUT2
nRSTO
WDI1
RESET
WDI2
VIN1
I/O
I/O
VCORE
VDDIO
Figure 66. Typical Applications Circuit
PCB LAYOUT GUIDELINES
Poor layout can affect ADP5042 performance, causing electro-
magnetic interference (EMI) and electromagnetic compatibility
(EMC) problems, ground bounce, and voltage losses. Poor
layout can also affect regulation and stability. A good layout is
implemented using the following guidelines:
•
Place the inductor, input capacitor, and output capacitor
close to the IC using short tracks. These components carry
high switching frequencies, and large tracks act as antennas.
•
Route the output voltage path away from the inductor and
SW node to minimize noise and magnetic interference.
•
Maximize the size of ground metal on the component side
to help with thermal dissipation.
•
Use a ground plane with several vias connecting to the
component side ground to further reduce noise interference
on sensitive circuit nodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com