Electronic Components Datasheet Search
  English  ▼

X  

ADP5042 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5042
Description  Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5042 Datasheet(HTML) 5 Page - Analog Devices

  ADP5042 Datasheet HTML 1Page - Analog Devices ADP5042 Datasheet HTML 2Page - Analog Devices ADP5042 Datasheet HTML 3Page - Analog Devices ADP5042 Datasheet HTML 4Page - Analog Devices ADP5042 Datasheet HTML 5Page - Analog Devices ADP5042 Datasheet HTML 6Page - Analog Devices ADP5042 Datasheet HTML 7Page - Analog Devices ADP5042 Datasheet HTML 8Page - Analog Devices ADP5042 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ADP5042
Rev. 0 | Page 5 of 32
BUCK SPECIFICATIONS
AVIN, VIN1 = 3.6 V, VOUT1 = 1.8 V, TJ= −40°C to +125°C for minimum/maximum specifications, L = 1 µH, COUT = 10 µF, and TA = 25°C
for typical specifications, unless otherwise noted.1
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Voltage Range (VIN1)
2.3
5.5
V
OUTPUT CHARACTERISTICS
Output Voltage Accuracy
PWM mode, T
A= 25 °C , ILOAD = 100 mA
−1
+1
%
PWM mode
−2
+2
%
VIN1 = 2.3 V to 5.5 V, PWM mode,
I
LOAD = 1 to 800 mA
−3
+3
%
PWM TO POWER SAVE MODE CURRENT THRESHOLD
100
mA
INPUT CURRENT CHARACTERISTICS
DC Operating Current
I
LOAD = 0 mA, device not switching
21
35
μA
Shutdown Current
ENx = 0 V, T
A = TJ = −40°C to +125°C
0.2
1.0
μA
SW CHARACTERISTICS
SW On Resistance
PFET
180
240
mΩ
PFET, AVIN = VIN1 = 5 V
140
190
mΩ
NFET
170
235
mΩ
NFET, AVIN = VIN1 = 5 V
150
210
mΩ
Current Limit
PFET switch peak current limit
1100
1360
1600
mA
ACTIVE PULL-DOWN
EN1 = 0 V
75
Ω
OSCILLATOR FREQUENCY
2.5
3.0
3.5
MHz
START-UP TIME
250
μs
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
LDO1, LDO2 SPECIFICATIONS
AVIN = 3.6 V, VIN2,VIN3 = (VOUT3 + 0.2 V) or 2.3 V, whichever is greater; AVIN, VIN1 ≥ VIN2,VIN3; IOUT = 10 mA; CIN = COUT = 1 µF;
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
V
IN2, VIN3
T
J = −40°C to +125°C
1.7
5.5
V
OPERATING SUPPLY CURRENT (per
LDO)
I
GND
I
OUT = 0 µA, VOUT = 3.3 V
15
µA
I
OUT = 0 µA, VOUT = 3.3 V, TJ = −40°C to +125°C
50
µA
I
OUT = 10 mA
67
µA
I
OUT = 10 mA, TJ = −40°C to +125°C
105
µA
I
OUT = 200 mA
100
µA
I
OUT = 200 mA, TJ = −40°C to +125°C
245
µA
FIXED OUTPUT VOLTAGE ACCURACY
V
OUT2, VOUT3
I
OUT = 10 mA
−1
+1
%
100 µA < I
OUT < 300 mA
−2
+2
%
V
IN2, VIN3 = (VOUT2, VOUT3 + 0.5 V) to 5.5 V
100 µA < I
OUT < 300 mA
−3
+3
%
V
IN2, VIN3 = (VOUT2, VOUT3 + 0.5 V) to 5.5 V
T
J = −40°C to +125°C
REGULATION
Line Regulation
∆V
OUT2/∆VIN2
∆V
OUT3/∆VIN3
V
IN2, VIN3 = (VOUT2, VOUT3 + 0.5 V) to 5.5 V
−0.03
+0.03
%/V
I
OUT3 = 1 mA
T
J = −40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com