Electronic Components Datasheet Search
  English  ▼

X  

ADP5042 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5042
Description  Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5042 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5042 Datasheet HTML 4Page - Analog Devices ADP5042 Datasheet HTML 5Page - Analog Devices ADP5042 Datasheet HTML 6Page - Analog Devices ADP5042 Datasheet HTML 7Page - Analog Devices ADP5042 Datasheet HTML 8Page - Analog Devices ADP5042 Datasheet HTML 9Page - Analog Devices ADP5042 Datasheet HTML 10Page - Analog Devices ADP5042 Datasheet HTML 11Page - Analog Devices ADP5042 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP5042
Rev. 0 | Page 8 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PAD SHOULD BE CONNECTED TO AGND.
2. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
14
13
12
1
3
4
VOUT2
15 WSTAT
VIN2
WDI2
11 VOUT1
NC
VIN3
2
VOUT3
EN3
5
nRSTO
TOP VIEW
AD5042
Figure 2. Pin Configuration—View from Top of the Die
Table 8. Preliminary Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
Do not connect to this pin.
2
VOUT3
LDO2 Output Voltage and Sensing Input.
3
VIN3
LDO2 Input Supply (1.7 V to 5.5 V).
4
EN3
Enable LDO2. EN3 = high: turn on LDO2; EN3 = low: turn off LDO2.
5
nRSTO
Open-Drain Reset Output, Active Low.
6
AVIN
Regulators Housekeeping and Supervisory Input Supply (2.3 V to 5.5 V).
7
VIN1
Buck Input Supply (2.3 V to 5.5 V).
8
SW
Buck Switching Node.
9
PGND
Dedicated Power Ground for Buck Regulator.
10
EN1
Enable Buck. EN1 = high: turn on buck; EN1 = low: turn off buck.
11
VOUT1
Buck Sensing Node.
12
WDI2
Watchdog 2 (Long Timeout) Refresh Input from Processor. Can be disabled only by factory option.
13
VIN2
LDO1 Input Supply (1.7 V to 5.5 V).
14
VOUT2
LDO1 Output Voltage and Sensing Input.
15
WSTAT
Open-Drain Watchdog Timeout Status. WSTAT = high: Watchdog 1 timeout or power-on reset; WSTAT = low:
Watchdog 2 timeout. Auto cleared after one second.
16
EN2
Enable LDO1. EN2 = high: turn on LDO1. EN2 = low: turn off LDO1.
17
MODE
Buck Mode. MODE = high: buck regulator operates in fixed PWM mode; MODE = low: buck regulator operates
in pulse skipping mode (PSM) at light load and in constant PWM at higher load.
18
WMOD
Watchdog Mode. WMOD = low: Watchdog 1 normal mode; WMOD = high: Watchdog 1 cannot be disabled by
a three-state condition applied on WDI1.
19
WDI1
Watchdog 1 Refresh Input from Processor. If WDI1 is in high-Z and WMOD is low, Watchdog 1 is disabled.
20
MR
Manual Reset Input, Active Low.
TP
AGND
Analog Ground (TP = Thermal Pad). Exposed pad should be connected to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com