Electronic Components Datasheet Search
  English  ▼

X  

ADP5042 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5042
Description  Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5042 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5042 Datasheet HTML 10Page - Analog Devices ADP5042 Datasheet HTML 11Page - Analog Devices ADP5042 Datasheet HTML 12Page - Analog Devices ADP5042 Datasheet HTML 13Page - Analog Devices ADP5042 Datasheet HTML 14Page - Analog Devices ADP5042 Datasheet HTML 15Page - Analog Devices ADP5042 Datasheet HTML 16Page - Analog Devices ADP5042 Datasheet HTML 17Page - Analog Devices ADP5042 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADP5042
Rev. 0 | Page 14 of 32
0.0001
0.001
0.01
0.1
OUTPUT CURRENT (A)
1.47
1.48
1.49
1.5
1.51
1.52
1.53
+85°C
+25°C
–40°C
Figure 33. LDO1 Load Regulation Across Temperature, VIN2 = 3.3 V, VOUT2 = 1.5 V
1.480
1.485
1.490
1.495
1.500
1.505
1.510
1.515
1.520
3.6
4.5
5.0
5.5
INPUT VOLTAGE (V)
100µA
1mA
10mA
100mA
150mA
Figure 34. LDO1 Line Regulation Across Output Load, VOUT2 = 1.5 V
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
0.0001
0.001
0.01
0.1
OUTPUT CURRENT (A)
3.6V
4.5V
5.0V
5.5V
Figure 35. LDO2 Load Regulation Across Input Voltage, VOUT3 = 3.3 V
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
0.0001
0.001
0.01
0.1
OUTPUT CURRENT (A)
+85°C
+25°C
–40°C
Figure 36. LDO2 Load Regulation Across Temperature, VIN3 = 3.6 V, VOUT3 = 3.3 V
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
3.325
3.6
4.5
5.0
5.5
INPUT VOLTAGE (V)
100µA
1mA
10mA
100mA
150mA
Figure 37. LDO2 Line Regulation Across Output Load, VOUT3 = 3.3 V
0
0.05
0.10
0.15
LOAD (A)
0
50
100
150
200
250
Figure 38. LDO2 Ground Current vs. Output Load, VOUT3 = 2.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com