Electronic Components Datasheet Search
  English  ▼

X  

ADP5042 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP5042
Description  Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5042 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP5042 Datasheet HTML 24Page - Analog Devices ADP5042 Datasheet HTML 25Page - Analog Devices ADP5042 Datasheet HTML 26Page - Analog Devices ADP5042 Datasheet HTML 27Page - Analog Devices ADP5042 Datasheet HTML 28Page - Analog Devices ADP5042 Datasheet HTML 29Page - Analog Devices ADP5042 Datasheet HTML 30Page - Analog Devices ADP5042 Datasheet HTML 31Page - Analog Devices ADP5042 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADP5042
Rev. 0 | Page 30 of 32
OUTLINE DIMENSIONS
0.50
BSC
0.50
0.40
0.30
0.30
0.25
0.18
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD.
BOTTOM VIEW
TOP VIEW
EXPOSED
PAD
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
2.75
2.60 SQ
2.35
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1
20
6
10
11
15
16
5
Figure 70. 20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
4 mm × 4 mm Body, Very Very Thin Quad
(CP-20-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Regulator Settings
Supervisory Settings
Temperature Range
Package Description
Package
Option
ADP5042ACPZ-1-R7
VOUT1 = 1.8 V
WD1 t
OUT = 1.6 sec
T
J = −40°C to +125°C
20-Lead Lead Frame Scale
Package [LFCSP_WQ]
CP-20-8
VOUT2 = 1.5 V
WD2 t
OUT = 128 min
VOUT3 = 3.3 V
Reset t
OUT = 200 ms
UVLO = 2.2 V
POFF = 200 ms
Sequencing: LDO1,
LDO2, buck
VTH Sensing =
VOUT3, 2.93 V
ADP5042ACPZ-2-R7
VOUT1 = 1.5 V
WD1 t
OUT = 1.6 sec
T
J = −40°C to +125°C
20-Lead Lead Frame Scale
Package [LFCSP_WQ]
CP-20-8
VOUT2 = 1.8 V
WD2 t
OUT = 128 min
VOUT3 = 3.3 V
Reset t
OUT = 200 ms
UVLO = 2.2 V
POFF = 200 ms
Sequencing: LDO1,
LDO2, buck
VTH Sensing =
VOUT3, 2.93 V
ADP5042CP-1-EVALZ
Evaluation Board
ADP5042CP-2-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 Monitoring ambient temperature does not guarantee that the junction temperature (T
J) is within the specified temperature limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com