Electronic Components Datasheet Search
  English  ▼

X  

ADP5042 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5042
Description  Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5042 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5042 Datasheet HTML 2Page - Analog Devices ADP5042 Datasheet HTML 3Page - Analog Devices ADP5042 Datasheet HTML 4Page - Analog Devices ADP5042 Datasheet HTML 5Page - Analog Devices ADP5042 Datasheet HTML 6Page - Analog Devices ADP5042 Datasheet HTML 7Page - Analog Devices ADP5042 Datasheet HTML 8Page - Analog Devices ADP5042 Datasheet HTML 9Page - Analog Devices ADP5042 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADP5042
Rev. 0 | Page 6 of 32
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Load Regulation1
∆VOUT2/∆IOUT2
∆VOUT3/∆IOUT3
IOUT2, VOUT3 = 1 mA to 200 mA
0.002
%/mA
IOUT2, VOUT3 = 1 mA to 200 mA
0.0075
%/mA
TJ = −40°C to +125°C
DROPOUT VOLTAGE2
VDROPOUT
VOUT2, VOUT3 = 3.3 V
IOUT2, IOUT3 = 10 mA
4
mV
IOUT2, IOUT3 = 10 mA, TJ = −40°C to +125°C
5
mV
IOUT2, IOUT3 = 200 mA
60
mV
IOUT2, IOUT3 = 200 mA, TJ = −40°C to +125°C
100
mV
ACTIVE PULL-DOWN
RPDLDO
EN2/EN3 = 0 V
600
Ω
START-UP TIME
TSTART-UP
VOUT2, VOUT3 = 3.3 V
85
μs
CURRENT-LIMIT THRESHOLD3
ILIMIT
TJ = −40°C to +125°C
335
470
mA
OUTPUT NOISE
OUTLDO2NOISE
10 Hz to 100 kHz, VIN3 = 5 V, VOUT3 = 3.3 V
123
μV rms
10 Hz to 100 kHz, VIN3 = 5 V, VOUT3 = 2.8 V
110
μV rms
10 Hz to 100 kHz, VIN3 = 5 V, VOUT3 = 1.5 V
59
μV rms
OUTLDO1NOISE
10 Hz to 100 kHz, VIN2 = 5 V, VOUT2 = 3.3 V
140
μV rms
10 Hz to 100 kHz, VIN2 = 5 V, VOUT2 = 2.8 V
129
μV rms
10 Hz to 100 kHz, VIN2 = 5 V, VOUT2 = 1.5 V
66
μV rms
POWER SUPPLY REJECTION RATIO
PSRR
1 kHz, VIN2, VIN3 = 3.3 V, VOUT2, OUT3 = 2.8 V,
IOUT = 100 mA
66
dB
100 kHz, VIN2,VIN3 = 3.3 V, VOUT2,VOUT3 = 2.8 V,
IOUT = 100 mA
57
dB
1 MHz, VIN2, VIN3 = 3.3 V, VOUT2, VOUT3 = 2.8 V,
IOUT = 100 mA
60
dB
1 Based on an end-point calculation using 1 mA and 100 mA loads.
2 Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages above 2.3 V.
3 Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V, or 2.7 V.
INPUT AND OUTPUT CAPACITOR, RECOMMENDED SPECIFICATIONS
Table 5.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
MINIMUM OUTPUT CAPACITANCE (BUCK)1
CMIN1
TJ = −40°C to +125°C
7
40
μF
MINIMUM INPUT AND OUTPUT CAPACITANCE2 (LDO1, LDO2)
CMIN23
TJ = −40°C to +125°C
0.70
μF
CAPACITOR ESR
RESR
TJ = −40°C to +125°C
0.001
1
Ω
1 The minimum output capacitance should be greater than 4.7 μF over the full range of operating conditions. The full range of operating conditions in the application
must be considered during device selection to ensure that the minimum capacitance specification is met.
2 The minimum input and output capacitance should be greater than 0.70 μF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended,
Y5V and Z5U capacitors are not recommended for use with LDOs or the buck.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com