Electronic Components Datasheet Search
  English  ▼

X  

NH033 Datasheet(PDF) 14 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 14 Page - Lineage Power Corporation

Back Button NH033 Datasheet HTML 10Page - Lineage Power Corporation NH033 Datasheet HTML 11Page - Lineage Power Corporation NH033 Datasheet HTML 12Page - Lineage Power Corporation NH033 Datasheet HTML 13Page - Lineage Power Corporation NH033 Datasheet HTML 14Page - Lineage Power Corporation NH033 Datasheet HTML 15Page - Lineage Power Corporation NH033 Datasheet HTML 16Page - Lineage Power Corporation NH033 Datasheet HTML 17Page - Lineage Power Corporation NH033 Datasheet HTML 18Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
NH033x-L and NH050x-L Series Power Modules:
Data Sheet
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
March 2010
14
14
Lineage Power
Feature Descriptions (continued)
Overtemperature Protection
To provide additional protection in a fault condition, the
unit is equipped with a nonlatched thermal shutdown
circuit. The shutdown circuit engages when Q32
exceeds approximately 120 °C. The unit attempts to
restart when Q32 cools down. The unit cycles on and
off if the fault condition continues to exist. Recovery
from shutdown is accomplished when the cause of the
overheating condition is removed.
Thermal Considerations
The power modules operate in a variety of thermal
environments; however, sufficient cooling should be
provided to help ensure reliable operation of the unit.
Heat is removed by conduction, convection, and radia-
tion to the surrounding environment.
The thermal data presented is based on measure-
ments taken in a wind tunnel. The test setup shown in
Figure 40 was used to collect data for Figures 50 and
51. Note that the airflow is parallel to the long axis of
the module. The derating data applies to airflow along
either direction of the module’s long axis.
The module runs cooler when it is rotated 90° from the
direction shown in Figure 40. This thermally preferred
orientation increases the maximum ambient tempera-
tures 4 °C to 5 °C from the maximum values shown in
Figures 50 and 51.
8-1199(C).a
Note: Dimensions are in millimeters and (inches).
Figure 40. Thermal Test Setup
Proper cooling can be verified by measuring the power
module’s temperature at lead 7 of Q32 as shown in
Figure 41.
8-1149(C).b
Figure 41. Temperature Measurement Location
The temperature at this location should not exceed
115 °C at full power. The output power of the module
should not exceed the rated power.
Convection Requirements for Cooling
To predict the approximate cooling needed for the mod-
ule, determine the power dissipated as heat by the unit
for the particular application. Figures 42 through 49
show typical power dissipation for the module over a
range of output currents.
8-2446(C)
Figure 42. NH033M-L Typical Power Dissipation vs.
Output Current, TA = 25 °C
AIRFLOW
203.2 (8.0)
76.2 (3.0)
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED HERE
POWER MODULE
25.4 (1.0)
LEAD #7
Q32
12
6
7
89
0.5
3.0
OUTPUT
CURRENT, IO (A)
2.0
1.5
2.5
10
0
3.5
1.0
4
5
3
VI= 5.5 V
VI= 5.0 V
VI = 4.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com