Electronic Components Datasheet Search
  English  ▼

X  

NH033 Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button NH033 Datasheet HTML 3Page - Lineage Power Corporation NH033 Datasheet HTML 4Page - Lineage Power Corporation NH033 Datasheet HTML 5Page - Lineage Power Corporation NH033 Datasheet HTML 6Page - Lineage Power Corporation NH033 Datasheet HTML 7Page - Lineage Power Corporation NH033 Datasheet HTML 8Page - Lineage Power Corporation NH033 Datasheet HTML 9Page - Lineage Power Corporation NH033 Datasheet HTML 10Page - Lineage Power Corporation NH033 Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Lineage Power
7
Data Sheet
NH033x-L and NH050x-L Series Power Modules:
March 2010
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
Characteristics Curves (continued)
8-2422(C)
Figure 13. NH033G-L Current Limit, TA = 25 °C
8-2426(C)
Figure 14. NH050G-L Current Limit, TA = 25 °C
8-2421(C)
Figure 15. NH033F-L Current Limit, TA = 25 °C
8-2425(C)
Figure 16. NH050F-L Current Limit, TA = 25 °C
8-2431(C)
Figure 17. NH033M-L Efficiency, TA = 25 °C
8-2435(C)
Figure 18. NH050M-L Efficiency, TA = 25 °C
2
4
12
14
16
0.0
OUTPUT
CURRENT,
IO (A)
1.5
0.5
2.5
810
6
13
5
79
11
13
15
17
1.0
2.0
18 19
VI = 5.0 V
0
0.5
0.0
OUTPUT
CURRENT, IO (A)
1.5
2.5
1.0
2.0
22 24
2
6
4
810 12 14
16 18 20
VI = 5.0 V
0
26 28
1.0
2
4
12
14
16
0.0
OUTPUT
CURRENT, IO (A)
1.5
2.5
0.5
3.5
810
6
1
3
5
7
9
11
131517
2.0
3.0
1819
VI = 5 V
0
0.5
0.0
OUTPUT
CURRENT, IO (A)
1.5
2.5
1.0
3.0
2.0
3.5
22
24
2
6
4
8
1012
14
1618
20
VI = 5.0 V
0
85.5
84.5
83.0
12
6
7
89
82.0
OUTPUT CURRENT, IO (A)
83.5
84.0
82.5
86.0
10
0
4
5
3
85.0
VI = 4.5 V
VI = 5.0 V
VI = 5.5 V
82
1
3
11
13
80
OUTPUT CURRENT, IO (A)
83
81
86
0
7
9
5
15
2
4
6
8
10
12
14
85
84
VI = 4.5 V
VI = 5.0V
VI = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com