Electronic Components Datasheet Search
  English  ▼

X  

NH033 Datasheet(PDF) 16 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 16 Page - Lineage Power Corporation

Back Button NH033 Datasheet HTML 12Page - Lineage Power Corporation NH033 Datasheet HTML 13Page - Lineage Power Corporation NH033 Datasheet HTML 14Page - Lineage Power Corporation NH033 Datasheet HTML 15Page - Lineage Power Corporation NH033 Datasheet HTML 16Page - Lineage Power Corporation NH033 Datasheet HTML 17Page - Lineage Power Corporation NH033 Datasheet HTML 18Page - Lineage Power Corporation NH033 Datasheet HTML 19Page - Lineage Power Corporation NH033 Datasheet HTML 20Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
NH033x-L and NH050x-L Series Power Modules:
Data Sheet
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
March 2010
16
16
Lineage Power
Thermal Considerations (continued)
Convection Requirements for Cooling
(continued)
8-2449(C)
Figure 47. NH050G-L Typical Power Dissipation vs.
Output Current, TA = 25 °C
8-2444(C)
Figure 48. NH033F-L Typical Power Dissipation vs.
Output Current, TA = 25 °C
8-2448(C)
Figure 49. NH050F-L Typical Power Dissipation vs.
Output Current, TA = 25 °C
With the known power dissipation and a given local
ambient temperature, the minimum airflow can be cho-
sen from the derating curves in Figures 50 and 51.
8-1425(C).c
Figure 50. NH033x-L Power Derating vs. Local
Ambient Temperature and Air Velocity
2.0
3.0
5.0
4.0
1
3
11
13
0.5
OUTPUT
CURRENT, IO (A)
1.0
0
7
9
5
15
2
4
6
8
10
12
14
1.5
2.5
4.5
3.5
6.0
5.5
VI = 5.5 V
VI = 5.0 V
VI = 4.5 V
12
6
7
89
0.5
3.0
OUTPUT
CURRENT, IO (A)
2.0
1.5
2.5
10
0
3.5
1.0
4
5
3
VI= 5.5 V
VI= 5.0 V
VI = 4.5 V
2.0
3.0
5.0
4.0
1
3
11
13
0.5
OUTPUT
CURRENT, IO (A)
1.0
0
7
9
5
15
2
4
6
8
10
12
14
1.5
2.5
4.5
3.5
6.0
5.5
VI = 5.5 V
VI = 4.5 V
VI = 5.0 V
0
25
45
55
125
0
2
AMBIENT TEMPERATURE, T A (˚C)
35
65
3
4
75
85
95
105 115
1
1.5 m/s (300 ft./min.)
1.0 m/s (200 ft./min.)
0.5 m/s
(100 ft./min.)
NATURAL
CONVECTION
2.0 m/s (400 ft./min.)
3.0 m/s (600 ft./min.)
TYPICAL 5.5 V
I
,
10 A
OUT
DISSIPATION
TYPICAL 5.0 V
I
,
10 A
OUT
DISSIPATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com