Electronic Components Datasheet Search
  English  ▼

X  

NH033 Datasheet(PDF) 15 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 15 Page - Lineage Power Corporation

Back Button NH033 Datasheet HTML 11Page - Lineage Power Corporation NH033 Datasheet HTML 12Page - Lineage Power Corporation NH033 Datasheet HTML 13Page - Lineage Power Corporation NH033 Datasheet HTML 14Page - Lineage Power Corporation NH033 Datasheet HTML 15Page - Lineage Power Corporation NH033 Datasheet HTML 16Page - Lineage Power Corporation NH033 Datasheet HTML 17Page - Lineage Power Corporation NH033 Datasheet HTML 18Page - Lineage Power Corporation NH033 Datasheet HTML 19Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
NH033x-L and NH050x-L Series Power Modules:
March 2010
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
Lineage Power
15
Thermal Considerations (continued)
Convection Requirements for Cooling
(continued)
8-2450(C)
Figure 43. NH050M-L Typical Power Dissipation vs.
Output Current, TA = 25 °C
8-2447(C)
Figure 44. NH033S1R8-L Typical Power Dissipation
vs. Output Current, TA = 25 °C
8-2451(C)
Figure 45. NH050S1R8-L Typical Power Dissipation
vs. Output Current, TA = 25 °C
8-2445(C)
Figure 46. NH033G-L Typical Power Dissipation vs.
Output Current, TA = 25 °C
2.0
3.0
5.0
4.0
1
3
11
13
0.5
OUTPUT
CURRENT, IO (A)
1.0
0
7
9
5
15
2
4
6
8
10
12
14
1.5
2.5
4.5
3.5
6.0
5.5
VI = 5.5 V
VI = 5.0 V
VI = 4.5 V
12
6
7
89
0.5
3.0
OUTPUT
CURRENT, IO (A)
2.0
1.5
2.5
10
0
3.5
1.0
4
5
3
VI= 5.5 V
VI= 5.0 V
VI = 4.5 V
2.0
3.0
5.0
4.0
1
3
11
13
0.5
OUTPUT
CURRENT, IO (A)
1.0
0
7
9
5
15
2
4
6
8
10
12
14
1.5
2.5
4.5
3.5
6.0
5.5
VI = 5.5 V
VI = 5.0 V
VI = 4.5 V
12
6
7
89
0.5
3.0
OUTPUT
CURRENT, IO (A)
2.0
1.5
2.5
10
0
3.5
1.0
4
5
3
VI= 5.5 V
VI= 5.0 V
VI = 4.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com