Electronic Components Datasheet Search
  English  ▼

X  

NH033 Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button NH033 Datasheet HTML 2Page - Lineage Power Corporation NH033 Datasheet HTML 3Page - Lineage Power Corporation NH033 Datasheet HTML 4Page - Lineage Power Corporation NH033 Datasheet HTML 5Page - Lineage Power Corporation NH033 Datasheet HTML 6Page - Lineage Power Corporation NH033 Datasheet HTML 7Page - Lineage Power Corporation NH033 Datasheet HTML 8Page - Lineage Power Corporation NH033 Datasheet HTML 9Page - Lineage Power Corporation NH033 Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Lineage Power
NH033x-L and NH050x-L Series Power Modules:
Data Sheet
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
March 2010
Characteristics Curves (continued)
8-2413(C)
Figure 7. NH033F-L Input Characteristics, TA = 25 °C
8-2417(C)
Figure 8. NH050F-L Input Characteristics, TA = 25 °C
8-2423(C)
Figure 9. NH033M-L Current Limit, TA = 25 °C
8-2427(C)
Figure 10. NH050M-L Current Limit, TA = 25 °C
8-2424(C)
Figure 11. NH033S1R8-L Current Limit, TA = 25 °C
8-2428(C)
Figure 12. NH050S1R8-L Current Limit, TA = 25 °C
7
3
2
3
5
4
0
6
4
5
2
1
8
6
0
9
IO = 10 A
INPUT VOLTAGE, VI(V)
1
0.5 1.0
3.0 3.5 4.0 4.5
0
10
INPUT VOLTAGE, VI (V)
6
4
8
14
5.0
0.0
12
2
2.0 2.5
1.5
IO = 15 A
5.5
0.4
2
4
12
14
16
0.0
OUTPUT
CURRENT, IO (A)
0.6
1.2
0.2
1.6
810
6
13
5
79
11
13
15
17
1.0
1.4
18 19
VI = 5.0 V
0
0.8
1.2
0.2
6
0.0
OUTPUT
CURRENT, IO (A)
0.6
1.0
18
0.4
0.8
1.6
8
1012
14
16
2426
2
4
20
22
VI = 5.0 (V)
0
1.4
0.4
24
12
14
16
0.0
OUTPUT
CURRENT, IO (A)
0.6
1.0
0.2
1.8
0
810
6
13
57
9
11
13
15
17
20
1.4
0.8
1.2
1.6
18 19
VI = 5.0 V
1.2
0.2
6
0.0
OUTPUT
CURRENT, IO (A)
0.6
1.0
18
0.4
0.8
1.8
8
1012
14
16
2426
2
4
20
22
VI= 5.0(V)
0
1.4
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com