Electronic Components Datasheet Search
  English  ▼

X  

NH033 Datasheet(PDF) 19 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 19 Page - Lineage Power Corporation

Back Button NH033 Datasheet HTML 12Page - Lineage Power Corporation NH033 Datasheet HTML 13Page - Lineage Power Corporation NH033 Datasheet HTML 14Page - Lineage Power Corporation NH033 Datasheet HTML 15Page - Lineage Power Corporation NH033 Datasheet HTML 16Page - Lineage Power Corporation NH033 Datasheet HTML 17Page - Lineage Power Corporation NH033 Datasheet HTML 18Page - Lineage Power Corporation NH033 Datasheet HTML 19Page - Lineage Power Corporation NH033 Datasheet HTML 20Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
NH033x-L and NH050x-L Series Power Modules:
March 2010
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
Lineage Power
19
Recommended Hole Pattern
Dimensions are in millimeters and (inches).
Tolerances: x.xx mm ± 0.13 mm (x.xxx in. ± 0.005 in.).
8-1176(C).b
PinFunctionPinFunction
J1 - 1
Remote On/Off
J2 - 1
SENSE (–)
J1 - 2
No Connection
J2 - 2
SENSE (+)
J1 - 3
TRIM
J2 - 3
VO
J1 - 4
GND
J2 - 4
VO
J1 - 5
GND
J2 - 5
VO
J1 - 6
VI
J2 - 6
VO
J1 - 7
VI
J2 - 7
GND
J1 - 8
VI
J2 - 8
GND
45.72 (1.800)
70.4 (2.77) MAX
1
4
58
54
81
48.26 (1.900)
43.18 (1.700)
40.64 (1.600)
2.54 (0.100)
17.53
(0.690)
7.62
(0.300)
5.08
(0.200)
20.32
(0.800
17.78
(0.700)
2.54
(0.100)
2.03
(0.080)
25.9
(1.02)
MAX
J2
J1
PLATED HOLE SIZE
1.32 (0.052)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com