Electronic Components Datasheet Search
  English  ▼

X  

NH033 Datasheet(PDF) 20 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 20 Page - Lineage Power Corporation

Back Button NH033 Datasheet HTML 12Page - Lineage Power Corporation NH033 Datasheet HTML 13Page - Lineage Power Corporation NH033 Datasheet HTML 14Page - Lineage Power Corporation NH033 Datasheet HTML 15Page - Lineage Power Corporation NH033 Datasheet HTML 16Page - Lineage Power Corporation NH033 Datasheet HTML 17Page - Lineage Power Corporation NH033 Datasheet HTML 18Page - Lineage Power Corporation NH033 Datasheet HTML 19Page - Lineage Power Corporation NH033 Datasheet HTML 20Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
NH033x-L and NH050x-L Series Power Modules:
Data Sheet
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15
March 2010
April 2008
FDS01-070EPS (Replaces FDS01-069EPS)
Ordering Information
Please contact your Lineage Power Account Manager or Field Application Engineer for pricing and availability.
Table 3. Device Codes
Table 4. Device Options
Input Voltage
Output Voltage
Output Power
Device Code
Comcode
5 V
1.5 V
15 W
NH033M-L
107993685
5 V
1.8 V
18 W
NH033S1R8-L
107940306
5 V
2.5 V
25 W
NH033G-L
107917122
5 V
3.3 V
33 W
NH033F-L
107859928
5 V
1.5 V
22.5 W
NH050M-L
107993693
5 V
1.8 V
27 W
NH050S1R8-L
107940314
5 V
2.5 V
37.5 W
NH050G-L
107917130
5 V
3.3 V
50 W
NH050F-L
107917148
Option
Suffix
Tight tolerance output
2
Short pins: 2.79 mm ± 0.25 mm
(0.110 in. ± 0.010 in.)
8
World Wide Headquarters
L ineage P ower C orpora tion
601 Shiloh Road, Plano, TX 75074, USA
+1-800-526-7819
(Outside U.S.A.: +1-972-244-9428)
www.linea gepower.com
e-ma il: techs upport1@ lineagepower.c om
A s ia -P a cific Hea dquarters
Tel: +65 6593 7211
E urope, Middle-E a s t and Africa Hea dquarters
Tel: +49 898 780 672 80
India Headquarters
Tel: +91 80 28411633
Lineage Power reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or
application. No rights under any patent accompany the sale of any such product(s) or information.
Lineage Power DC-DC products are protected under various patents. Information on these patents is available at www.lineagepower.com/patents.
© 2009 Lineage Power Corporation, (Plano, Texas) All International Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com