Electronic Components Datasheet Search
  English  ▼

X  

NH033 Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 5 Page - Lineage Power Corporation

  NH033 Datasheet HTML 1Page - Lineage Power Corporation NH033 Datasheet HTML 2Page - Lineage Power Corporation NH033 Datasheet HTML 3Page - Lineage Power Corporation NH033 Datasheet HTML 4Page - Lineage Power Corporation NH033 Datasheet HTML 5Page - Lineage Power Corporation NH033 Datasheet HTML 6Page - Lineage Power Corporation NH033 Datasheet HTML 7Page - Lineage Power Corporation NH033 Datasheet HTML 8Page - Lineage Power Corporation NH033 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Lineage Power
5
Data Sheet
NH033x-L and NH050x-L Series Power Modules:
March 2010
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
Characteristics Curves
8-2415
Figure 1. NH033M-L Input Characteristics,
TA = 25 °C
8-2419
Figure 2. NH050M-L Input Characteristics,
TA = 25 °C
8-2416
Figure 3. NH033S1R8-L Input Characteristics,
TA = 25 °C
8-2420
Figure 4. NH050S1R8-L Input Characteristics,
TA = 25 °C
8-2414
Figure 5. NH033G-L Input Characteristics,
TA = 25 °C
8-2418
Figure 6. NH050G-L Input Characteristics,
TA = 25 °C
0.5
1.5
2.5
3.0
3.5
4.0
0
3
INPUT VOLTAGE, V I (V)
2
4
5.5
0.0
1
4.5
5.0
5
6
1.0
2.0
IO = 10 A
1.0
2.0
3.0
4.0
3.5
4.5
0
6
INPUT VOLTAGE, VI (V)
4
3
5
5.0
8
5.5
0.0
7
2
1
9
10
1.5
2.5
IO = 15 A
0.5
0.5
1.0
3.0
3.5 4.0
4.5
0
5
INPUT VOLTAGE, V I (V)
3
2
4
7
5.0
0.0
6
1
2.0
2.5
1.5
IO = 10 A
5.5
0.5
1.5
2.5
3.0
3.5
4.0
0
6
INPUT VOLTAGE, V I (V)
4
8
5.5
0.0
2
4.5
5.0
10
12
1.0
2.0
IO = 15 A
8
7
2
1.5
1.0
3.5 4.0
4.5
5.0
0
INPUT VOLTAGE, V I (V)
4
6
1
9
5.5
0.0
2.5
3.0
2.0
5
3
IO = 10 A
0.5
0.5 1.0
3.0 3.5 4.0 4.5
0
10
INPUT VOLTAGE, VI (V)
6
4
8
14
5.0
0.0
12
2
2.0 2.5
1.5
5.5
IO = 15 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com