Electronic Components Datasheet Search
  English  ▼

X  

NH033 Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button NH033 Datasheet HTML 7Page - Lineage Power Corporation NH033 Datasheet HTML 8Page - Lineage Power Corporation NH033 Datasheet HTML 9Page - Lineage Power Corporation NH033 Datasheet HTML 10Page - Lineage Power Corporation NH033 Datasheet HTML 11Page - Lineage Power Corporation NH033 Datasheet HTML 12Page - Lineage Power Corporation NH033 Datasheet HTML 13Page - Lineage Power Corporation NH033 Datasheet HTML 14Page - Lineage Power Corporation NH033 Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
NH033x-L and NH050x-L Series Power Modules:
March 2010
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
Lineage Power
11
Test Configurations
8-203(C).h
Note: Input reflected-ripple current is measured with a simulated
source impedance of 500 nH. Capacitor CS offsets possible
battery impedance. Current is measured at the input of the
module.
Figure 33. Input Reflected-Ripple Test Setup
8-513(C).r
Note: Use a 0.1 µF ceramic capacitor and a 1,000 µF aluminum or
tantalum capacitor (ESR = 0.05 ¾ @ 100 kHz). Scope mea-
surement should be made using a BNC socket. Position the
load between 50 mm and 80 mm (2 in. and 3 in.) from the
module.
Figure 34. Peak-to-Peak Output Noise
Measurement Test Setup
8-1173(C).a
Note: All measurements are taken at the module terminals. When
socketing, place Kelvin connections at module terminals to
avoid measurement errors due to socket contact resistance.
Figure 35. Output Voltage and Efficiency
Measurement Test Setup
Design Considerations
Input Source Impedance
The power module should be connected to a low ac-
impedance input source. Highly inductive source
impedances can affect the stability of the NH033x-L
and NH050x-L Series Power Modules. Adding external
capacitance close to the input pins of the module can
reduce the ac impedance and ensure system stability.
The minimum recommended input capacitance (C1) is
a 470 µF electrolytic capacitor with an ESR ð 0.02
Ω @
100 kHz. Verify the quality and layout of these capaci-
tors by ensuring that the ripple across the module input
pins is less than 1 Vp-p at IO = IO, max. (See Figures 33,
36, and 37.)
The 470 µF electrolytic capacitor (C1) should be added
across the input of the NH033x-L or NH050x-L to
ensure stability of the unit. The electrolytic capacitor
should be selected for ESR and RMS current ratings to
ensure safe operation in the case of a fault condition.
The input capacitor for the NH033x-L and NH050x-L
series should be rated to handle 10 Arms.
When using a tantalum input capacitor, take care not to
exceed the tantalum capacitor power rating because of
the capacitor’s failure mechanism (for example, a short
circuit).
8-1215(C).a
Figure 36. Setup with External Capacitor to Reduce
Input Ripple Voltage
To reduce the amount of ripple current fed back to the
input supply (input reflected-ripple current), an external
input filter can be added. Up to 10 µF of ceramic
capacitance (C2) may be externally connected to the
input of the NH033x-L or NH050x-L, provided the
source inductance (LSOURCE) is less than 1 µH (see
Figure 36).
TO OSCILLOSCOPE
500 µH
CS 220 µF
ESR < 0.1
Ω
@ 20 ˚C, 100 kHz
VI(+)
BATTERY
CI 470 µF
CURRENT
PROBE
LTEST
ESR < 0.2
Ω
@ 100 kHz
GND
VO
1.0 µF
RESISTIVE
LOAD
SCOPE
COPPER STRIP
1000 µF
GND
V I
V O
II
IO
SUPPLY
CONTACT RESISTANCE
CONTACT AND
DISTRIBUTION LOSSES
LOAD
GND
SENSE(+)
SENSE(-)
η
VO
IO
×
VI
II
×
------------------------
x100
=
%
TO OSCILLOSCOPE
1 µH (MAX)
C 2
VI
GND
SUPPLY
CURRENT
PROBE
LSOURCE
10 µF (MAX)
+
C 1
470 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com