Electronic Components Datasheet Search
  English  ▼

X  

NH033 Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 4 Page - Lineage Power Corporation

  NH033 Datasheet HTML 1Page - Lineage Power Corporation NH033 Datasheet HTML 2Page - Lineage Power Corporation NH033 Datasheet HTML 3Page - Lineage Power Corporation NH033 Datasheet HTML 4Page - Lineage Power Corporation NH033 Datasheet HTML 5Page - Lineage Power Corporation NH033 Datasheet HTML 6Page - Lineage Power Corporation NH033 Datasheet HTML 7Page - Lineage Power Corporation NH033 Datasheet HTML 8Page - Lineage Power Corporation NH033 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NH033x-L and NH050x-L Series Power Modules:
Data Sheet
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
March 2010
4
Lineage Power
General Specifications
Cleanliness Requirements
The open frame (no case or potting) power modules meet specification J-STD-001B. These requirements state
that any solder balls must be attached and their size should not compromise the minimum electrical spacing of the
power module.
The cleanliness designator of the open frame power module is C00 (per J specification).
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions and Design Considerations sections for further information.
* Total adjustment of trim and remote sense combined should not exceed 10% for VO ≥ 2.5 V or 20% for VO < 2.5 V.
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO = 80% of IO, max; TA = 40 °C)
1,300,000
hours
Weight
—
—
14 (0.5)
g (oz.)
Parameter
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VI = 4.5 V to 5.5 V; open collector pnp transistor or
equivalent; signal referenced to GND pin; see Figure 38
and Feature Descriptions section.):
Logic Low (ON/OFF pin open)—Module On:
Ion/off = 0.0 µA
Von/off = 0.3 V
Logic High (Von/off > 2.8 V)—Module Off:
Ion/off = 10 mA
Von/off = 5.5 V
Turn-on Time (IO = IO, max; VO within ±1% of steady
state; see Figures 25—32.)
Von/off
Ion/off
Von/off
Ion/off
—
–0.7
—
—
—
—
—
—
—
—
3.0
0.3
50
6.0
10
—
V
µA
V
mA
ms
Output Voltage Adjustment*
(See Feature Descriptions section.):
Output Voltage Remote-sense Range:
For VO
≥ 2.5 V
For VO < 2.5 V
Output Voltage Set-point Adjustment Range (Trim):
For VO
≥ 2.5 V
For VO < 2.5 V
—
—
VTRIM
VTRIM
—
—
90
100
—
—
—
—
10
20
110
120
% VO, nom
% VO, nom
% VO, nom
% VO, nom
Overtemperature Protection (shutdown)
(See Feature Descriptions section.)
TQ32
115
120
—
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com