Electronic Components Datasheet Search
  English  ▼

X  

NH033 Datasheet(PDF) 18 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 18 Page - Lineage Power Corporation

Back Button NH033 Datasheet HTML 12Page - Lineage Power Corporation NH033 Datasheet HTML 13Page - Lineage Power Corporation NH033 Datasheet HTML 14Page - Lineage Power Corporation NH033 Datasheet HTML 15Page - Lineage Power Corporation NH033 Datasheet HTML 16Page - Lineage Power Corporation NH033 Datasheet HTML 17Page - Lineage Power Corporation NH033 Datasheet HTML 18Page - Lineage Power Corporation NH033 Datasheet HTML 19Page - Lineage Power Corporation NH033 Datasheet HTML 20Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
NH033x-L and NH050x-L Series Power Modules:
Data Sheet
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
March 2010
18
Lineage Power
Outline Diagram
Dimensions are in millimeters and (inches).
Tolerances: x.x mm ± 0.5 mm (x.xx in. ± 0.02 in.), x.xx mm ± 0.25 mm (x.xxx in. ± 0.010 in.).
8-1176(C).b
* Label includes product designation and date code.
5.84
(0.230)
25.4
(1.00)
8.6
(0.34)
MAX
SQUARE PIN
0.64 x 0.64
(0.025 x 0.025)
45.7 (1.80)
48.3 (1.90)
43.2 (1.70)
40.6 (1.60)
2.54 (0.100)
1.8
(0.07)
7.62
(0.300)
5.08
(0.200)
20.3
(0.80
2.54
(0.100)
17.3
(0.68)
17.8
(0.70)
69.9 (2.75)
25.4
(1.00)
LABEL*
Bottom View
Side View
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com