Electronic Components Datasheet Search
  English  ▼

X  

SC662 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC662
Description  Backlight Driver for 6 LEDs with SemPulse짰 Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC662 Datasheet(HTML) 4 Page - Semtech Corporation

  SC662 Datasheet HTML 1Page - Semtech Corporation SC662 Datasheet HTML 2Page - Semtech Corporation SC662 Datasheet HTML 3Page - Semtech Corporation SC662 Datasheet HTML 4Page - Semtech Corporation SC662 Datasheet HTML 5Page - Semtech Corporation SC662 Datasheet HTML 6Page - Semtech Corporation SC662 Datasheet HTML 7Page - Semtech Corporation SC662 Datasheet HTML 8Page - Semtech Corporation SC662 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
SC662
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Charge Pump Electrical Specifications (continued)
Mode Transition (Falling) Input
Voltage — 1.5x Mode to 2x Mode
V
TRANS1.5x
I
OUT = 72mA, IBLn = 12mA, VOUT = 4.2V
(4)
, f
PUMP = 250kHz
3.14
V
Current Sink Off-State
Leakage Current
I
BLn(off)
V
IN = VBLn = 4.2V
0.1
1
µA
Charge Pump Frequency
f
PUMP
Bit FSEL = 0
250
kHz
Bit FSEL = 1
1
MHz
Fault Protection Specifications
Output Short Circuit
Current Limit
I
OUT(SC)
OUT pin shorted to GND
125
mA
V
OUT > 2.5V
300
Under Voltage Lockout
V
UVLO-OFF
Increasing V
IN
2.3
V
V
UVLO-HYS
Hysteresis
75
mV
Over-Voltage Protection
V
OVP
OUT pin open circuit, V
OUT = VOVP, rising threshold
5.7
6.0
V
Over-Temperature Threshold
T
OT
Rising temperature
165
°C
T
OT-HYS
Hysteresis
20
°C
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com