Electronic Components Datasheet Search
  English  ▼

X  

SC662 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC662
Description  Backlight Driver for 6 LEDs with SemPulse짰 Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC662 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC662 Datasheet HTML 12Page - Semtech Corporation SC662 Datasheet HTML 13Page - Semtech Corporation SC662 Datasheet HTML 14Page - Semtech Corporation SC662 Datasheet HTML 15Page - Semtech Corporation SC662 Datasheet HTML 16Page - Semtech Corporation SC662 Datasheet HTML 17Page - Semtech Corporation SC662 Datasheet HTML 18Page - Semtech Corporation SC662 Datasheet HTML 19Page - Semtech Corporation SC662 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
SC662
16
0
5
10
15
20
25
0
20
40
60
80
100
120
Step Count
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
Step Count
0.0
1.0
2.0
3.0
4.0
5.0
6.0
10
20
30
40
50
60
Step Count
6.0
6.5
7.0
7.5
8.0
54
56
58
60
62
64
Step Count
8
9
10
11
12
64
68
72
76
80
Step Count
12
15
18
21
24
27
80
85
90
95
100
105
110
Step Count
Figure 2 — Backlight Fade Steps (0.0mA to 0.5mA)
Figure 3 — Backlight Fade Steps (0.5mA to 6.0mA)
Figure 4 — Backlight Fade Steps (6.0mA to 8.0mA)
Figure 5 — Backlight Fade Steps (8.0mA to 12.0mA)
Figure 7 — Backlight Fade Steps (0.0mA to 25.0mA)
Figure 6 — Backlight Fade Steps (12.0mA to 25.0mA)
NOTES:
·=Programmablebacklightsteps,о=Non-programmablefadesteps
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com