Electronic Components Datasheet Search
  English  ▼

X  

SC662 Datasheet(PDF) 27 Page - Semtech Corporation

Part # SC662
Description  Backlight Driver for 6 LEDs with SemPulse짰 Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC662 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button SC662 Datasheet HTML 22Page - Semtech Corporation SC662 Datasheet HTML 23Page - Semtech Corporation SC662 Datasheet HTML 24Page - Semtech Corporation SC662 Datasheet HTML 25Page - Semtech Corporation SC662 Datasheet HTML 26Page - Semtech Corporation SC662 Datasheet HTML 27Page - Semtech Corporation SC662 Datasheet HTML 28Page - Semtech Corporation SC662 Datasheet HTML 29Page - Semtech Corporation SC662 Datasheet HTML 30Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
SC662
27
Main Fade Control (04h)
This register sets the fade status and rate for the main
backlight group.
Bits [D5:D2]
These bits are unused and are always zeros, so the
maximum pulse count for this register is 3.
MFADE1, MFADE0[D1:D0]
These bits are used to enable fade and set the fade rate
between two backlight currents as shown in Table 5.
Table 5 — Main Display Fade Control Bits
MFADE1
MFADE0
Fade Feature Rise�Fall Rate
(ms�step)
0
0
OFF
0
1
2
1
0
4
1
1
6
When the fade rate is set to 2, 4, or 6ms and then a new
backlight current is set, the backlight current will change
from its current value to the new value in steps, pausing at
each step for the duration of the fade rate before proceed-
ing to the next step. The exact length of time used to fade
between any two backlight values is determined by multi-
plying the fade rate by the number of steps between the old
and new backlight values. The fade time can be calculated
from the data provided in Table 1 on page 15.
Backlight Grouping Configuration (05h)
This register assigns the LEDs to the backlight bank
configurations.
Bits [D5:D4]
These bits are unused and are always zeros, so the
maximum pulse count for this register is 16.
FSEL [D3]
This bit sets the charge pump clock frequency. FSEL = 0
for 250kHz, and FSEL = 1 for 1MHz. The default state for
this bit is zero.
MB2 and MB0 [D2:D0]
These bits are used to set the number of LED drivers dedi-
cated to each backlight group. This allows the device to
drive up to three different sets of LEDs with different
current settings. Note that any driver assigned to any LED
group can still be disabled independently if not needed.
The code set by these bits determines how the LED drivers
are assigned among the three LED groups according to
the assignments listed in Table 6. Default state for each of
these three bits is zero (all LEDs assigned to main
display).
Table 6 — Backlight Grouping Configuration
MB2 MB1 MB0
Main
Display
LED
Drivers
Sub
Display
LED
Drivers
Third
Display
LED
Drivers
0
0
0
BL1-BL6
0
0
1
BL1-BL3
BL4-BL6
0
1
0
BL1-BL2
BL3-BL4
BL5-BL6
0
1
1
BL1-BL2,
BL5-BL6
BL3
BL4
1
0
0
BL1-BL3
BL4-BL5
BL6
1
0
1
BL1-BL4
BL5-BL6
1
1
X
BL1-BL5
BL6
Register and Bit Definitions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com