Electronic Components Datasheet Search
  English  ▼

X  

SC662 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC662
Description  Backlight Driver for 6 LEDs with SemPulse짰 Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC662 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC662 Datasheet HTML 18Page - Semtech Corporation SC662 Datasheet HTML 19Page - Semtech Corporation SC662 Datasheet HTML 20Page - Semtech Corporation SC662 Datasheet HTML 21Page - Semtech Corporation SC662 Datasheet HTML 22Page - Semtech Corporation SC662 Datasheet HTML 23Page - Semtech Corporation SC662 Datasheet HTML 24Page - Semtech Corporation SC662 Datasheet HTML 25Page - Semtech Corporation SC662 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
SC662
22
SemPulseTM Interface (continued)
SemPulse Timing Diagrams
The SemPulse single wire interface is used to enable or disable the device and configure all registers (see Figure 11). The
timing parameters refer to the digital I/O electrical specifications.
tLO
tHI
t = tSU
t = tHOLDA
t = tHOLDD
Address is set
Data is written
SPIF
Up to 32 rising edges
(0 to 31 pulses)
Up to 64 rising edges
(0 to 63 pulses)
Figure 11 — Uniform Timing Diagram for SemPulse Communication
Timing Example 1
In this example (see Figure 12), the slave chip receives two sets of pulses to set the address and data, and the pulses
experience interrupts that cause the pulse width to be nonuniform. Note that as long as the maximum high and low
times are satisfied and the hold times are within specification, the data transfer is completed regardless of the number
of interrupts that delay the transmission.
tHI
tLO
t < tHImax
t < tLOmax
t = tSU
Data written is
000011
SPIF
t = tHOLDA
t = tHOLDD
Address is set to
register 02h
Figure 12 — SemPulse Data Write with Non-Uniform Pulse Widths
Timing Example 2
In this example (see Figure 13), the slave chip receives two sets of pulses to set the address and data, but an interrupt
occurs during a pulse that causes it to exceed the minimum address hold time. The write is meant to be the value 03h
in register 05h, but instead it is interpreted as the value 02h written to register 02h. The extended pulse that is delayed
by the interrupt triggers a false address detection, causing the next pulse set to be interpreted as the data set. To avoid
any problems with timing, make sure that all pulse widths comply with their timing requirements as outlined in this
datasheet.
Data written is
000010
SPIF
t > tHImax
t = tHOLDD
Address is set to
register 02h
Interrupt
duration
t = tHOLDA
Address is set to register
03h (address and data are
now out of order)
Figure 13 — Faulty SemPulse Data Write Due to Extended Interrupt Duration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com