Electronic Components Datasheet Search
  English  ▼

X  

SC662 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC662
Description  Backlight Driver for 6 LEDs with SemPulse짰 Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC662 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC662 Datasheet HTML 4Page - Semtech Corporation SC662 Datasheet HTML 5Page - Semtech Corporation SC662 Datasheet HTML 6Page - Semtech Corporation SC662 Datasheet HTML 7Page - Semtech Corporation SC662 Datasheet HTML 8Page - Semtech Corporation SC662 Datasheet HTML 9Page - Semtech Corporation SC662 Datasheet HTML 10Page - Semtech Corporation SC662 Datasheet HTML 11Page - Semtech Corporation SC662 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SC662
8
fPUMP = 1MHz, VOUT = 3.41V, CIN = COUT = C1 = C2 = 0.47µF (0402), TA = 25°C
VIN (V)
ACC Max %
ACC Min %
-8
-6
-4
-2
0
2
4
6
8
2.7
3
3.3
3.6
3.9
4.2
Backlight Accuracy (6 LEDs) — 12mA Each
fPUMP = 1MHz, VOUT = 3.55V, CIN = COUT = C1 = C2 = 0.47µF (0402), TA = 25°C
VIN (V)
ACC Max %
ACC Min %
-8
-6
-4
-2
0
2
4
6
8
2.7
3
3.3
3.6
3.9
4.2
Backlight Accuracy (6 LEDs) — 25mA Each
VIN (V)
ACC Max %
ACC Min %
-8
-6
-4
-2
0
2
4
6
8
2.7
3
3.3
3.6
3.9
4.2
fPUMP = 1MHz, VOUT (see note), CIN = COUT = C1 = C2 = 0.47µF (0402), TA = 25°C
Backlight Accuracy (6 LEDs) — 5mA Each
fPUMP = 250kHz, VOUT = 3.55V, CIN = COUT = C1 = C2 = 1.0µF (0402), TA = 25°C
ACC Max %
VIN (V)
-8
-6
-4
-2
0
2
4
6
8
2.7
3
3.3
3.6
3.9
4.2
ACC Min %
Backlight Accuracy (6 LEDs) — 25mA Each
fPUMP = 250kHz, VOUT = 3.41V, CIN = COUT = C1 = C2 = 1.0µF (0402), TA = 25°C
ACC Max %
ACC Min %
VIN (V)
-8
-6
-4
-2
0
2
4
6
8
2.7
3
3.3
3.6
3.9
4.2
Backlight Accuracy (6 LEDs) — 12mA Each
VIN (V)
-8
-6
-4
-2
0
2
4
6
8
2.7
3
3.3
3.6
3.9
4.2
ACC Min %
ACC Max %
fPUMP = 250kHz, VOUT (see note), CIN = COUT = C1 = C2 = 1.0µF (0402), TA = 25°C
Backlight Accuracy (6 LEDs) — 5mA Each
Typical Characteristics (continued)
Notes:
(1) Efficiency labels “Charge Pump” and “Backlight” are defined on page 13 under the sub-heading Charge Pump Efficiency.
(2) Plots shown for 5mA data have — V
OUT = 3.27V when in 1.5X and 2X modes, and VOUT = VIN - 55mV when in 1X mode. VOUT is
connected internally to V
IN only when the charge pump is in 1X mode and IBL ≤ 5mA.
(2)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com