Electronic Components Datasheet Search
  English  ▼

X  

SC662 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC662
Description  Backlight Driver for 6 LEDs with SemPulse짰 Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC662 Datasheet(HTML) 3 Page - Semtech Corporation

  SC662 Datasheet HTML 1Page - Semtech Corporation SC662 Datasheet HTML 2Page - Semtech Corporation SC662 Datasheet HTML 3Page - Semtech Corporation SC662 Datasheet HTML 4Page - Semtech Corporation SC662 Datasheet HTML 5Page - Semtech Corporation SC662 Datasheet HTML 6Page - Semtech Corporation SC662 Datasheet HTML 7Page - Semtech Corporation SC662 Datasheet HTML 8Page - Semtech Corporation SC662 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
SC662
3
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Specifications
Shutdown Current
I
Q(OFF)
0.1
2
µA
Total Quiescent Current
I
Q
All outputs disabled, SPIF = V
IN
(2)
60
µA
1x mode, all LEDs on, I
BLn = 0.5mA
0.9
mA
1x mode, all LEDs on, I
BLn = 25mA
1.5
1.5x or 2x charge pump mode, all LEDs on,
I
BLn = 25mA
2
Charge Pump Electrical Specifications
Maximum Total Output Current
I
OUT(MAX)
V
IN > 2.9V, sum of all active LED currents, VOUT(MAX) = 4.2V
150
mA
Backlight Current Setting
I
BLn
Nominal setting for BL1 thru BL6
0
25
mA
Backlight Current Matching
I
BL-BL
I
BLn = 12mA
(3)
-3.5
±0.5
+3.5
%
Backlight Current Accuracy
I
BL_ACC
I
BLn = 12mA
±1.5
%
Mode Transition (Falling) Input
Voltage — 1x Mode to 1.5x Mode
V
TRANS1x
I
OUT = 72mA, IBLn = 12mA, VOUT = 3.22V
3.28
V
1.5x Mode to 1x Mode Hysteresis
V
HYST1x
I
OUT = 72mA, IBLn = 12mA, VOUT = 3.22V, fPUMP = 250kHz
250
mV
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) Tested according to JEDEC standard JESD22-A114
(2) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB per JESD51 standards.
Absolute Maximum Ratings
IN, OUT (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
C1+, C2+ (V) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
OUT + 0.3)
Pin Voltage — All Other Pins (V) . . . . . . . . -0.3 to (V
IN + 0.3)
OUT Short Circuit Duration . . . . . . . . . . . . . . . . Continuous
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Unless otherwise noted, T
A = +25°C for Typ, -40°C to +85°C for Min and Max, TJ(MAX) = 125°C, VIN = 3.7 V, CIN= C1= C2= COUT = 1.0µF (ESR = 0.03Ω)
(1)
Recommended Operating Conditions
Ambient Temperature Range (°C). . . . . . . . -40 ≤ T
A ≤ +85
Input Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . 2.9 ≤ V
IN ≤ 5.5
Output Voltage (V) . . . . . . . . . . . . . . . . . . . . . 2.5 ≤ V
OUT ≤ 5.25
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . 78
Storage Temperature Range (°C). . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . +260
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com