Electronic Components Datasheet Search
  English  ▼

X  

SC662 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC662
Description  Backlight Driver for 6 LEDs with SemPulse짰 Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC662 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC662 Datasheet HTML 6Page - Semtech Corporation SC662 Datasheet HTML 7Page - Semtech Corporation SC662 Datasheet HTML 8Page - Semtech Corporation SC662 Datasheet HTML 9Page - Semtech Corporation SC662 Datasheet HTML 10Page - Semtech Corporation SC662 Datasheet HTML 11Page - Semtech Corporation SC662 Datasheet HTML 12Page - Semtech Corporation SC662 Datasheet HTML 13Page - Semtech Corporation SC662 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
SC662
10
Pin #
Pin Name
Pin Function
1
BL6
Current sink output for backlight LED 6
— leave this pin open if unused
2
SPIF
SemPulse single wire interface pin — used to enable/disable the device and to configure all regis-
ters (refer to Register Map and SemPulse Interface sections)
3
GND
Ground pin
4
C1-
Negative connection to bucket capacitor C
1
5
C2-
Negative connection to bucket capacitor C
2
6
C2+
Positive connection to bucket capacitor C
2
7
C1+
Positive connection to bucket capacitor C
1
8
OUT
Charge pump output — all LED anode pins should be connected to this pin
9
IN
Battery voltage input
10
BL1
Current sink output for backlight LED 1
— leave this pin open if unused
11
BL2
Current sink output for backlight LED 2
— leave this pin open if unused
12
BL3
Current sink output for backlight LED 3
— leave this pin open if unused
13
BL4
Current sink output for backlight LED 4
— leave this pin open if unused
14
BL5
Current sink output for backlight LED 5
— leave this pin open if unused
T
THERMAL PAD
Thermal pad for heatsinking purposes — connect to ground plane using multiple vias — not con-
nected internally
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com