Electronic Components Datasheet Search
  English  ▼

X  

SC662 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC662
Description  Backlight Driver for 6 LEDs with SemPulse짰 Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC662 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC662 Datasheet HTML 14Page - Semtech Corporation SC662 Datasheet HTML 15Page - Semtech Corporation SC662 Datasheet HTML 16Page - Semtech Corporation SC662 Datasheet HTML 17Page - Semtech Corporation SC662 Datasheet HTML 18Page - Semtech Corporation SC662 Datasheet HTML 19Page - Semtech Corporation SC662 Datasheet HTML 20Page - Semtech Corporation SC662 Datasheet HTML 21Page - Semtech Corporation SC662 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
SC662
18
Thermal Management
PCB (Printed Circuit Board) layout directly effects the junc-
tion to ambient thermal resistance (θ
JA). Layout perfor-
mance may place limits on the SC662 performance. The
SC662 is capable of 150mA of total output current in an
ambient temperature of up to 85°C. Both of these param-
eters, maximum output current (I
OUT(MAX) ), and maximum
ambient temperature (T
A), may be reduced if the layout
does not provide for adequate heat dissipation. Layout
guidelines are recommended in the next section, PCB
Layout Considerations.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com