Electronic Components Datasheet Search
  English  ▼

X  

SC662 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC662
Description  Backlight Driver for 6 LEDs with SemPulse짰 Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC662 Datasheet(HTML) 1 Page - Semtech Corporation

  SC662 Datasheet HTML 1Page - Semtech Corporation SC662 Datasheet HTML 2Page - Semtech Corporation SC662 Datasheet HTML 3Page - Semtech Corporation SC662 Datasheet HTML 4Page - Semtech Corporation SC662 Datasheet HTML 5Page - Semtech Corporation SC662 Datasheet HTML 6Page - Semtech Corporation SC662 Datasheet HTML 7Page - Semtech Corporation SC662 Datasheet HTML 8Page - Semtech Corporation SC662 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© 2010 Semtech Corporation
SC662
Backlight Driver for 6 LEDs
with SemPulse
® Interface
POWER MANAGEMENT
1
SC662
IN
SPIF
GND
OUT
BL1
CIN
1.0µF
C1+
From
Microprocessor
COUT
1.0µF
C2
1.0µF
C1
1.0µF
BL2
BL3
BL4
C2+
C1-
C2-
BL5
BL6
Features
Input supply voltage range — 2.9V to 5.5V
Very high efficiency charge pump driver system with
three modes — 1x, 1.5x and 2x
Six programmable current sinks — 0mA to 25mA
Up to three LED grouping options
Fade-in/fade-out feature for main LED bank
Selectable charge pump frequency — 250kHz/1MHz
SemPulse® single wire interface
Backlight current accuracy — ±1.5% typical
Backlight current matching — ±0.5% typical
LED float detection
Automatic sleep mode with all LEDs off
Sleep mode quiescent current — 60µA typical
Shutdown current — 0.1µA typical
Ultra-thin package — 2 x 2 x 0.6 (mm)
Lead-free and halogen-free
WEEE and RoHS compliant
Applications
Cellular phones, smart phones, and PDAs
LCD modules
Portable media players
Digital cameras
Personal navigation devices
Display/keypad backlighting and LED indicators
Description
The SC662 is a high efficiency charge pump LED driver
using Semtech’s proprietary charge pump technology.
Performance is optimized for use in single-cell Li-ion
battery applications.
The charge pump provides backlight current utilizing six
matched current sinks. The load and supply conditions
determine whether the charge pump operates in 1x, 1.5x,
or 2x mode. An optional fading feature that gradually
adjusts the backlight current is provided to simplify
control software.
The SC662 uses the proprietary SemPulse
® single wire
interface to control all functions of the device, including
backlight currents. The single wire interface minimizes
microcontroller and interface pin counts. The six LEDs can
be grouped in up to three separate banks that can be
independently controlled.
The charge pump switches at 1MHz or 250kHz, and the
frequency is selectable using the SemPulse interface. Both
1MHz and 250kHz frequencies are supported by 0402 size
(1005 metric) ceramic capacitors.
The SC662 enters sleep mode when all the LED drivers are
disabled. In this mode, the quiescent current is reduced
while the device continues to monitor the SemPulse
interface.
November 30, 2010
Typical Application Circuit


Similar Part No. - SC662

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC662K FUMAN-SC662K Datasheet
966Kb / 3P
250mA Low Dropout Voltage Regulator IC
More results

Similar Description - SC662

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PM6600 ONSEMI-PM6600 Datasheet
768Kb / 43P
6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
January 2008 Rev 2
logo
STMicroelectronics
LED7706 STMICROELECTRONICS-LED7706 Datasheet
623Kb / 31P
6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
08-Feb-2008
LED7707 STMICROELECTRONICS-LED7707 Datasheet
1Mb / 48P
6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
18-Sep-2008
logo
Semtech Corporation
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC656 SEMTECH-SC656 Datasheet
547Kb / 17P
Backlight Driver for 7 LEDs with Charge Pump and PWM Control
SC654 SEMTECH-SC654 Datasheet
270Kb / 22P
Light Management Unit for 6 LEDs with SemPulseTM Interface
SC657 SEMTECH-SC657 Datasheet
567Kb / 22P
Backlight Driver for 5 LEDs with SemPulseTM Interface
SC658 SEMTECH-SC658 Datasheet
544Kb / 22P
Backlight Driver for 4 LEDs with SemPulseTM Interface
logo
ams AG
AS3490 AMSCO-AS3490 Datasheet
3Mb / 19P
Highly Efficient 2-6 LEDs Backlight Driver with PWM Input
logo
STMicroelectronics
ALED7707 STMICROELECTRONICS-ALED7707 Datasheet
1Mb / 36P
6-row 85 mA LEDs driver with boost regulator for LCD panels backlight
23-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com