Electronic Components Datasheet Search
  English  ▼

X  

SC662 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC662
Description  Backlight Driver for 6 LEDs with SemPulse짰 Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC662 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC662 Datasheet HTML 8Page - Semtech Corporation SC662 Datasheet HTML 9Page - Semtech Corporation SC662 Datasheet HTML 10Page - Semtech Corporation SC662 Datasheet HTML 11Page - Semtech Corporation SC662 Datasheet HTML 12Page - Semtech Corporation SC662 Datasheet HTML 13Page - Semtech Corporation SC662 Datasheet HTML 14Page - Semtech Corporation SC662 Datasheet HTML 15Page - Semtech Corporation SC662 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
SC662
12
General Description
This design is optimized for handheld applications sup-
plied from a single Li-ion cell and includes the following
key features:
A high efficiency fractional charge pump that
supplies power to all LEDs.
Six matched current sinks that control LED back-
lighting current, providing 0mA to 25mA per LED.
Up to three independently controlled LED
banks.
Selectable charge pump frequency — 250kHz or
1MHz options.
High Current Fractional Charge Pump
The backlight outputs are supported by a high efficiency,
high current fractional charge pump output. The charge
pump multiplies the input voltage by 1x, 1.5x, or 2x. The
output of the charge pump is delivered to the LED anodes.
The charge pump switches only in 1.5x and 2x modes and
is disabled in 1x mode to save power and improve
efficiency.
The charge pump switches at a fixed frequency of either
250kHz or 1MHz. The charge pump switching frequency
is set via the SemPulse interface by the FSEL bit. The
250kHz setting is selected by setting FSEL = 0, while the
1MHz setting is selected when FSEL = 1.
The mode selection circuit automatically selects one of
the following modes; 1x, 1.5x, or 2x based on circuit condi-
tions such as LED voltage, input voltage, and load current.
The 1x mode is the most efficient of the three modes, fol-
lowed by 1.5x and 2x modes. Circuit conditions such as
low input voltage, high output current, or high LED
voltage place a higher demand on the charge pump
output. A higher numerical mode (1.5x or 2x) may be
needed momentarily to maintain regulation at the OUT
pin during intervals of high demand. The charge pump
responds to momentary high demands, setting the charge
pump to the optimum mode to deliver the output voltage
and load current while optimizing efficiency. Hysteresis is
provided to prevent mode toggling.
•
•
•
•
The charge pump requires two bucket capacitors. One
capacitor must be connected between the C1+ and C1-
pins and the other must be connected between the C2+
and C2- pins as shown in the Typical Application Circuit
diagram. Bucket capacitors should be equal in value to
support current sharing between C
1 and C2.
C
OUT , CIN , C1 , and C2 capacitors with X7R or X5R ceramic
dielectric are strongly recommended for their low ESR and
superior temperature and voltage characteristics. Y5V
capacitors should not be used as their temperature coef-
ficients make them unsuitable for this application.
LED Backlight Current Sinks
The backlight current is set via the SemPulse interface. The
current is regulated to one of 32 values between 0mA and
25mA. The step size varies depending upon the current
setting. The lowest settings are 0, 50, 100, and 200µA.
From 0.5mA to 5mA, the step size is 0.5mA. The step size
increases to 1mA for settings between 5mA and 21mA.
Steps are 2mA between 21mA and 25mA. The variation in
step size allows finer adjustment for dimming functions in
the low current setting range and coarse adjustment at
higher current settings where small current changes are
not visibly noticeable in LED brightness. A zero setting is
also included to allow the current sink to be disabled by
writing to either the enable bit or the current setting reg-
ister for maximum flexibility.
All backlight current sinks have matched currents. When
there is a variation in the forward voltages (∆VF ) of the
LEDs, mis-matched LED voltages do not degrade the accu-
racy of the backlight currents. The voltages of all BLn pins
are compared, and the lowest of these voltages is used as
feedback for setting the voltage regulation at the OUT pin.
This is done to ensure that sufficient bias exists for all
LEDs.
The backlight LEDs default to the off state upon power-up.
For backlight applications using less than six LEDs, any
unused output must be left open and the unused LED
must remain disabled. When writing to the backlight
enable register, a zero (0) must be written to the corre-
sponding bit of any unused output. Detailed information
about programming of the registers is provided in later
sections, beginning at SemPulse Interface on page 21.
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com