Electronic Components Datasheet Search
  English  ▼

X  

MCP4706 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 33Page - Microchip Technology MCP4706 Datasheet HTML 34Page - Microchip Technology MCP4706 Datasheet HTML 35Page - Microchip Technology MCP4706 Datasheet HTML 36Page - Microchip Technology MCP4706 Datasheet HTML 37Page - Microchip Technology MCP4706 Datasheet HTML 38Page - Microchip Technology MCP4706 Datasheet HTML 39Page - Microchip Technology MCP4706 Datasheet HTML 40Page - Microchip Technology MCP4706 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 37
MCP4706/4716/4726
4.4
Output Buffer / VOUT Operation
The DAC output is buffered with a low power and
precision output amplifier (op amp). Figure 4-4 shows
a block diagram.
This amplifier provides a rail-to-rail output with low
offset voltage and low noise. The user can select the
output gain of the output amplifier. Gain options are:
a)
Gain of 1, with either VDD or VREF pin used as
reference voltage
b)
Gain of 2, only when VREF pin is used as
reference voltage. The VREF pin voltage should
be limited to VDD/2.
The amplifier’s output can drive the resistive and high
capacitive loads without oscillation. The amplifier
provides a maximum load current which is enough for
most programmable voltage reference applications.
Refer to Section 1.0 “Electrical Characteristics” for
the specifications of the output amplifier.
In any of the three Power-Down modes, the op amp is
powered down and it’s output becomes a high
impedance to the VOUT pin.
FIGURE 4-4:
Output Buffer Block
Diagram.
4.4.1
PROGRAMMABLE GAIN
The amplifier’s gain is controlled by the Gain (G)
configuration bit (See Table 4-4) and the VRL reference
selection. When the VRL reference selection is the
device’s VDD voltage, the G bit is ignored and a gain of
1 is used. The volatile G bit value can be modified by:
• POR event
• BOR event
•I2C write commands
•I2C General Call Reset command
4.4.2
OUTPUT VOLTAGE
The volatile DAC Register’s value controls the analog
VOUT voltage, along with the device’s five configuration
bits. The volatile DAC Register’s value is unsigned
binary.
The formula for the output voltage is given in
Equation 4-1. Table 4-1 shows examples of volatile
DAC Register values and the corresponding theoretical
VOUT voltage for the MCP47X6 devices.
EQUATION 4-1:
CALCULATING OUTPUT
VOLTAGE (VOUT)
The DAC register value will be latched on the falling
edge of the acknowledge pulse of the write command’s
last byte. Then the VOUT voltage will start driving to the
new value.
The following events update the analog voltage output
(VOUT):
• Power-On-Reset or General Call Reset
command: Output is updated with EEPROM data.
• Falling edge of the acknowledge pulse of the last
write command byte.
4.4.2.1
Resolution / Step Voltage
The Step voltage is dependent on the device resolution
and the output voltage range. One LSb is defined as
the ideal voltage difference between two successive
codes. The step voltage can easily be calculated by
using Equation 4-1 where the DAC Register Value is
equal to 1.
4.4.3
DRIVING RESISTIVE AND
CAPACITIVE LOADS
The VOUT pin can drive up to 100 pF of capacitive load
in parallel with a 5 k
Ω resistive load (to meet electrical
specifications). Figure 2-57 shows the VOUT vs.
Resistive Load.
VOUT drops slowly as the load resistance decreases
after about 3.5 k
Ω. It is recommended to use a load
with RL greater than 5 kΩ.
Note:
The load resistance must keep higher
than 5 k
Ω for the stable and expected
analog
output
(to
meet
electrical
specifications).
VOUT
Op
Amp
Gain (1x or 2x)
(G = 0 or 1)
VW
Note:
When Gain = 2 (VRL = VREF),
if VREF > VDD / 2, the VOUT voltage will be
limited to VDD. So if VREF = VDD, then the
VOUT voltage will not change for volatile
DAC Register
values
mid-scale
and
greater, since the op amp at full scale
output.
VOUT =
* Gain
VRL * DAC Register Value
# Resistors in Resistor Ladder
# Resistors in Resistor Ladder = 4096 (MCP4726)
1024 (MCP4716)
256 (MCP4706)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com