Electronic Components Datasheet Search
  English  ▼

X  

MCP4706 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 4 Page - Microchip Technology

  MCP4706 Datasheet HTML 1Page - Microchip Technology MCP4706 Datasheet HTML 2Page - Microchip Technology MCP4706 Datasheet HTML 3Page - Microchip Technology MCP4706 Datasheet HTML 4Page - Microchip Technology MCP4706 Datasheet HTML 5Page - Microchip Technology MCP4706 Datasheet HTML 6Page - Microchip Technology MCP4706 Datasheet HTML 7Page - Microchip Technology MCP4706 Datasheet HTML 8Page - Microchip Technology MCP4706 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
MCP4706/4716/4726
DS22272A-page 4
© 2011 Microchip Technology Inc.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 2.7V to 5.5V, VSS = 0V, RL = 5 kΩ from VOUT to GND, CL = 100 pF, TA
= -40°C to +125°C. Typical values at +25°C.
Parameters
Symbol
Min
Typical
Max
Units
Conditions
Power Requirements
Input Voltage
VDD
2.7
—
5.5
V
Input Current
IDD
—
210
400
µA
VREF1:VREF0 = ‘00’,
SCL = SDA = VSS, VOUT is unloaded,
volatile DAC Register = 0x000
—
210
400
µA
VREF1:VREF0 = ‘11’, VREF = VDD,
SCL = SDA = VSS, VOUT is unloaded,
volatile DAC Register = 0x000
Power-Down Current
IDDP
—
0.09
2
µA
PD1:PD0 = ‘01’ (Note 6),
VOUT not connected
Power-On Reset
Threshold
VPOR
—
2.2
—
V
RAM retention voltage, (VRAM) < VPOR
Power-Up Ramp Rate
VRAMP
1—
—
V/S
(Note 1, Note 4)
Note
1:
This parameter is ensured by design and is not 100% tested.
2:
This gain error does not include offset error. See Section 2 for more details in plots.
3:
Within 1/2 LSb of final value when code changes from 1/4 to 3/4 of FSR. (Example: 400h to C00h in 12- bit device).
4:
The power-up ramp rate affects on uploading the EEPROM contents to the DAC register. It measures the rise of VDD
over time.
5:
This parameter is ensured by characterization, and not 100% tested.
6:
The PD1:PD0 = ‘10’, and ‘11’ configurations should have the same current.
7:
VDD = 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com