Electronic Components Datasheet Search
  English  ▼

X  

MCP4706 Datasheet(PDF) 71 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 71 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 67Page - Microchip Technology MCP4706 Datasheet HTML 68Page - Microchip Technology MCP4706 Datasheet HTML 69Page - Microchip Technology MCP4706 Datasheet HTML 70Page - Microchip Technology MCP4706 Datasheet HTML 71Page - Microchip Technology MCP4706 Datasheet HTML 72Page - Microchip Technology MCP4706 Datasheet HTML 73Page - Microchip Technology MCP4706 Datasheet HTML 74Page - Microchip Technology MCP4706 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 71
MCP4706/4716/4726
8.10
Design Considerations
In the design of a system with the MCP4706/4716/4726
devices, the following considerations should be taken
into account:
• Power Supply Considerations
• Layout Considerations
8.10.1
POWER SUPPLY
CONSIDERATIONS
The typical application will require a bypass capacitor
in order to filter high-frequency noise, which can be
induced onto the power supply's traces. The bypass
capacitor helps to minimize the effect of these noise
sources on signal integrity. Figure 8-10 illustrates an
appropriate bypass strategy.
In this example, the recommended bypass capacitor
value is 0.1 µF. This capacitor should be placed as
close (within 4 mm) to the device power pin (VDD) as
possible.
The power source supplying these devices should be
as clean as possible. If the application circuit has
separate digital and analog power supplies, VDD and
VSS should reside on the analog plane.
FIGURE 8-10:
Typical Microcontroller
Connections.
8.10.2
LAYOUT CONSIDERATIONS
Several layout considerations may be applicable to
your application. These may include:
• Noise
• PCB Area Requirements
8.10.2.1
Noise
Inductively-coupled AC transients and digital switching
noise can degrade the input and output signal integrity,
potentially masking the MCP47X6’s performance.
Careful board layout minimizes these effects and
increases the Signal-to-Noise Ratio (SNR). Multi-layer
boards
utilizing a low-inductance ground plane,
isolated inputs, isolated outputs and proper decoupling
are critical to achieving the performance that the silicon
is
capable
of
providing.
Particularly
harsh
environments may require shielding of critical signals.
Separate digital and analog ground planes are
recommended. In this case, the VSS pin and the ground
pins of the VDD capacitors should be terminated to the
analog ground plane.
8.10.2.2
PCB Area Requirements
In some applications, PCB area is a criteria for device
selection.
Table 8-2
shows
the
typical
package
dimensions and area for the different package options.
The table also shows the relative area factor compared
to the smallest area. For space critical applications, the
DFN package would be the suggested package.
TABLE 8-2:
PACKAGE FOOTPRINT (1)
VDD
VDD
VSS
VSS
0.1 µF
0.1 µF
SCL
VOUT
VREF
SDA
Note:
Breadboards and wire-wrapped boards
are not recommended.
Package
Package Footprint
Type
Code
Dimensions
(mm)
Length Width
6
SOT-23
CH
2.90
2.70
7.83
1.96
6
DFN
MA
2.00
2.00
4.00
1
Note 1: Does not include recommended land
pattern
dimensions.
Dimensions
are
typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com