Electronic Components Datasheet Search
  English  ▼

X  

MCP4706 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 11Page - Microchip Technology MCP4706 Datasheet HTML 12Page - Microchip Technology MCP4706 Datasheet HTML 13Page - Microchip Technology MCP4706 Datasheet HTML 14Page - Microchip Technology MCP4706 Datasheet HTML 15Page - Microchip Technology MCP4706 Datasheet HTML 16Page - Microchip Technology MCP4706 Datasheet HTML 17Page - Microchip Technology MCP4706 Datasheet HTML 18Page - Microchip Technology MCP4706 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 15
MCP4706/4716/4726
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V, VRL = Internal, Gain = x1, RL = 5 kΩ, CL = 100 pF.
FIGURE 2-1:
INL vs. Code (code = 100 to
4000) and Temperature (MCP4726).
VDD = 5V, VREF1:VREF0 = ‘00’.
FIGURE 2-2:
INL vs. Code (code = 25 to
1000) and Temperature (MCP4716).
VDD = 5V, VREF1:VREF0 = ‘00’.
FIGURE 2-3:
INL vs. Code (code = 6 to
250) and Temperature (MCP4706).
VDD = 5V, VREF1:VREF0 = ‘00’.
FIGURE 2-4:
INL vs. Code (code = 100 to
4000) and Temperature (MCP4726).
VDD = 2.7V, VREF1:VREF0 = ‘00’.
FIGURE 2-5:
INL vs. Code (code = 25 to
1000) and Temperature (MCP4716).
VDD = 2.7V, VREF1:VREF0 = ‘00’.
FIGURE 2-6:
INL vs. Code (code = 6 to
250) and Temperature (MCP4706).
VDD = 2.7V, VREF1:VREF0 = ‘00’.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-12
-8
-4
0
4
8
12
0
1024
2048
3072
4096
-40C
+25C
+85C
+125C
Volatile DAC Register Code
-3
-2
-1
0
1
2
3
0
128
256
384
512
640
768
896
1024
-40C
+25C
+85C
+125C
Volatile DAC Register Code
-1.0
-0.5
0.0
0.5
1.0
0
32
64
96
128
160
192
224
256
-40C
+25C
+85C
+125C
Volatile DAC Register Code
-12
-8
-4
0
4
8
12
0
1024
2048
3072
4096
-40C
+25C
+85C
+125C
Volatile DAC Register Code
-3
-2
-1
0
1
2
3
0
128
256
384
512
640
768
896
1024
-40C
+25C
+85C
+125C
Volatile DAC Register Code
-1.0
-0.5
0.0
0.5
1.0
0
32
64
96
128
160
192
224
256
-40C
+25C
+85C
+125C
Volatile DAC Register Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com