Electronic Components Datasheet Search
  English  ▼

X  

MCP4706 Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 49Page - Microchip Technology MCP4706 Datasheet HTML 50Page - Microchip Technology MCP4706 Datasheet HTML 51Page - Microchip Technology MCP4706 Datasheet HTML 52Page - Microchip Technology MCP4706 Datasheet HTML 53Page - Microchip Technology MCP4706 Datasheet HTML 54Page - Microchip Technology MCP4706 Datasheet HTML 55Page - Microchip Technology MCP4706 Datasheet HTML 56Page - Microchip Technology MCP4706 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 53
MCP4706/4716/4726
6.4
Write Volatile Configuration bits
(C2:C0 = ‘100’)
This write command is used to update the volatile
configuration register bits only. This command is a
quick method to modify the configuration of the DAC,
such as the selection of the resistor ladder reference
voltage, the op amp gain, and the Power Down state.
Figure 6-4 shows an example of this write command.
FIGURE 6-4:
Write Volatile Configuration Bits Command.
Device Addressing
Note 1: The device updates VOUT at the falling edge of the SCL at the end of this ACK pulse.
Note 1
2: The 2nd byte can be repeated after the 2nd by continued clocking before issuing Stop bit.
Command
3: ACK bit generated by MCP47X6.
Note 2
SDA
SCL
A2 A1 A0
1
1
00
00
10
PD1 PD0
G
0
Configuration bits
Start bit
ACK bit (3)
Read/Write bit (Write)
Stop bit
S
A
R/W
A
bits
ACK bit (3)
0
VREF1
VREF0
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com