Electronic Components Datasheet Search
  English  ▼

X  

MCP4706 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 53Page - Microchip Technology MCP4706 Datasheet HTML 54Page - Microchip Technology MCP4706 Datasheet HTML 55Page - Microchip Technology MCP4706 Datasheet HTML 56Page - Microchip Technology MCP4706 Datasheet HTML 57Page - Microchip Technology MCP4706 Datasheet HTML 58Page - Microchip Technology MCP4706 Datasheet HTML 59Page - Microchip Technology MCP4706 Datasheet HTML 60Page - Microchip Technology MCP4706 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 57
MCP4706/4716/4726
6.6.2
GENERAL CALL WAKE-UP
If the second byte is “00001001” (09h), the device
forces the volatile power-down bits to ‘00’. The
nonvolatile (EEPROM) power-down bit values are not
affected by this command.
This command allows multiple MCP47X6 devices to
wake-up synchronously.
FIGURE 6-8:
General Call Wake-Up Command.
Note:
This command does not adhere to the I2C
specification where if the LSb of the 2nd
byte is a ‘1’, it is a ‘Hardware General Call’
(see the NXP I2C Specification).
General Call Address
Note 1: At the falling edge of the SCL, at the end of this ACK pulse, the volatile PD1:PD0 bits are forced to ‘00’.
Note 1
2: The 2nd byte can be repeated after the 2nd by continued clocking before issuing Stop bit.
General Call Wake-Up
3: ACK bit generated by MCP47X6.
Note 2
SDA
SCL
00
0
0
0
00
00
00
0
Start bit
ACK bit (3)
Read/Write bit (Write)
Stop bit
S
A
R/W
A
ACK bit (3)
0
P
01
0
0
1
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com