Electronic Components Datasheet Search
  English  ▼

X  

MCP4706 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 3Page - Microchip Technology MCP4706 Datasheet HTML 4Page - Microchip Technology MCP4706 Datasheet HTML 5Page - Microchip Technology MCP4706 Datasheet HTML 6Page - Microchip Technology MCP4706 Datasheet HTML 7Page - Microchip Technology MCP4706 Datasheet HTML 8Page - Microchip Technology MCP4706 Datasheet HTML 9Page - Microchip Technology MCP4706 Datasheet HTML 10Page - Microchip Technology MCP4706 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 7
MCP4706/4716/4726
Digital Interface
Output Low Voltage
VOL
——
0.4
V
IOL = 3 mA
Input High Voltage
(SDA and SCL Pins)
VIH
0.7VDD
——
V
Input Low Voltage
(SDA and SCL Pins)
VIL
—
—0.3VDD
V
Input Leakage
ILI
—
—
±1
µA
SCL = SDA = VSS or
SCL = SDA = VDD
Pin Capacitance
CPIN
——
3
pF
(Note 5)
EEPROM
EEPROM Write Time
T
WRITE
—25
50
ms
Data Retention
—
200
—
Years
At +25°C, (Note 1)
Endurance
1
—
—
Million
Cycles
At +25°C, (Note 1)
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VDD = 2.7V to 5.5V, VSS = 0V, RL = 5 kΩ from VOUT to GND, CL = 100 pF, TA
= -40°C to +125°C. Typical values at +25°C.
Parameters
Symbol
Min
Typical
Max
Units
Conditions
Note
1:
This parameter is ensured by design and is not 100% tested.
2:
This gain error does not include offset error. See Section 2 for more details in plots.
3:
Within 1/2 LSb of final value when code changes from 1/4 to 3/4 of FSR. (Example: 400h to C00h in 12- bit device).
4:
The power-up ramp rate affects on uploading the EEPROM contents to the DAC register. It measures the rise of VDD
over time.
5:
This parameter is ensured by characterization, and not 100% tested.
6:
The PD1:PD0 = ‘10’, and ‘11’ configurations should have the same current.
7:
VDD = 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com