Electronic Components Datasheet Search
  English  ▼

X  

MCP4706 Datasheet(PDF) 69 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 69 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 65Page - Microchip Technology MCP4706 Datasheet HTML 66Page - Microchip Technology MCP4706 Datasheet HTML 67Page - Microchip Technology MCP4706 Datasheet HTML 68Page - Microchip Technology MCP4706 Datasheet HTML 69Page - Microchip Technology MCP4706 Datasheet HTML 70Page - Microchip Technology MCP4706 Datasheet HTML 71Page - Microchip Technology MCP4706 Datasheet HTML 72Page - Microchip Technology MCP4706 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 69
MCP4706/4716/4726
8.8
Serial Interface Communication
Times
Table 8-1 shows time/frequency of the supported
operations of the I2C serial interface for the different
serial interface operational frequencies. This, along
with the VOUT output performance (such as slew rate),
would be used to determine your applications volatile
DAC register update rate.
TABLE 8-1:
SERIAL INTERFACE TIMES / FREQUENCIES
Command
Writes Volatile
Memory?
Writes EEPROM
Memory?
# of
Serial
Interface
bits (2)
Command Time (uS)
Command Frequency
(kHz)
Code
Function
C2 C1 C0
Config. DAC
Config.
DAC
100kHz 400kHz 3.4MHz100kHz 400kHz 3.4MHz
00
X
Write Volatile
DAC
Yes(1)
Yes
No
No
29
290
72.5
8.5
3.4
13.8
117.2
01
0
Write Volatile
Memory
Yes
Yes
No
No
38
380
95
11.2
2.6
10.5
89.5
01
1
Write All
Memory
Yes
Yes
Yes
Yes
38
380
95
11.2
2.6
10.5
89.5
10
0
Write NV
Configuration
Bits
Yes
No
No
No
20
200
50
5.9
5.0
20.0
170.0
N.A.
Read
N.A.
N.A.
N.A.
N.A.
77
750
187.5
22.1
1.3
5.3
45.3
Note 1:
Only the volatile PD1:PD0 bits of the Configuration bits are written.
2:
Includes the Start or Stop bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com