Electronic Components Datasheet Search
  English  ▼

X  

MCP4706 Datasheet(PDF) 65 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 65 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 61Page - Microchip Technology MCP4706 Datasheet HTML 62Page - Microchip Technology MCP4706 Datasheet HTML 63Page - Microchip Technology MCP4706 Datasheet HTML 64Page - Microchip Technology MCP4706 Datasheet HTML 65Page - Microchip Technology MCP4706 Datasheet HTML 66Page - Microchip Technology MCP4706 Datasheet HTML 67Page - Microchip Technology MCP4706 Datasheet HTML 68Page - Microchip Technology MCP4706 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 65
MCP4706/4716/4726
8.3
Application Examples
The MCP47X6 devices are rail-to-rail output DACs
designed to operate with a VDD range of 2.7V to 5.5V.
The internal output op amplifier is robust enough to
drive
common,
small-signal
loads
directly,
thus
eliminating the cost and size of external buffers for
most applications. The user can use gain of 1 or 2 of
the output op amplifier by setting the configuration
register bits. Also, the user can use internal VDD as the
reference or use external reference. Various user
options and easy-to-use features make the devices
suitable for various modern DAC applications.
Application examples include:
• Decreasing Output Step Size
• Building a “Window” DAC
• Bipolar Operation
• Selectable Gain and Offset Bipolar Voltage Output
• Designing a Double-Precision DAC
• Building Programmable Current Source
• Serial Interface Communication Times
• Software I2C Interface Reset Sequence
• Power Supply Considerations
• Layout Considerations
8.3.1
DC SET POINT OR CALIBRATION
A
common
application
for
the
devices
is
a
digitally-controlled set point and/or calibration of
variable parameters, such as sensor offset or slope.
For example, the MCP4726 provides 4096 output
steps. If voltage reference is 4.096V, the LSb size is
1 mV. If a smaller output step size is desired, a lower
external voltage reference is needed.
8.3.1.1
Decreasing Output Step Size
If the application is calibrating the bias voltage of a
diode or transistor, a bias voltage range of 0.8V may be
desired with about 200 µV resolution per step. Two
common methods to achieve small step size are using
lower VREF pin voltage or using a voltage divider on the
DAC’s output.
Using an external voltage reference (VREF) is an
option, if the external reference is available with the
desired output voltage range. However, occasionally,
when using a low-voltage reference voltage, the noise
floor causes a SNR error that is intolerable. Using a
voltage divider method is another option, and provides
some advantages when external voltage reference
needs to be very low, or when the desired output
voltage is not available. In this case, a larger value
reference voltage is used, while two resistors scale the
output range down to the precise desired level.
Figure 8-3 illustrates this concept. A bypass capacitor
on the output of the voltage divider plays a critical
function in attenuating the output noise of the DAC and
the induced noise from the environment.
FIGURE 8-3:
Example Circuit Of Set Point
or Threshold Calibration.
EQUATION 8-1:
VOUT AND VTRIP
CALCULATIONS
R1
VCC+
VCC–
VOUT
I2C™
2-wire
VREF
Optional
MCP47X6
VDD
VO
R2
C1
RSENSE
Comp.
VDD
VTRIP
V
trip
V
OUT
R
2
R
1
R
2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
=
VOUT = VREF • G •
DAC Register Value
2N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com