Electronic Components Datasheet Search
  English  ▼

X  

MCP4706 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 12Page - Microchip Technology MCP4706 Datasheet HTML 13Page - Microchip Technology MCP4706 Datasheet HTML 14Page - Microchip Technology MCP4706 Datasheet HTML 15Page - Microchip Technology MCP4706 Datasheet HTML 16Page - Microchip Technology MCP4706 Datasheet HTML 17Page - Microchip Technology MCP4706 Datasheet HTML 18Page - Microchip Technology MCP4706 Datasheet HTML 19Page - Microchip Technology MCP4706 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 86 page
background image
MCP4706/4716/4726
DS22272A-page 16
© 2011 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V, VRL = Internal, Gain = x1, RL = 5 kΩ, CL = 100 pF.
FIGURE 2-7:
DNL vs. Code (code = 100
to 4000) and Temperature (MCP4726).
VDD = 5V, VREF1:VREF0 = ‘00’.
FIGURE 2-8:
DNL vs. Code (code = 25 to
1000) and Temperature (MCP4716).
VDD = 5V, VREF1:VREF0 = ‘00’.
FIGURE 2-9:
DNL vs. Code (code = 6 to
250) and Temperature (MCP4706).
VDD = 5V, VREF1:VREF0 = ‘00’.
FIGURE 2-10:
DNL vs. Code (code = 100
to 4000) and Temperature (MCP4726).
VDD = 2.7V, VREF1:VREF0 = ‘00’.
FIGURE 2-11:
DNL vs. Code (code = 25 to
1000) and Temperature (MCP4716).
VDD = 2.7V, VREF1:VREF0 = ‘00’.
FIGURE 2-12:
DNL vs. Code (code = 6 to
250) and Temperature (MCP4706).
VDD = 2.7V, VREF1:VREF0 = ‘00’.
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0
1024
2048
3072
4096
-40C
+25C
+85C
+125C
Volatile DAC Register Code
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0
128
256
384
512
640
768
896
1024
-40C
+25C
+85C
+125C
Volatile DAC Register Code
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0
32
64
96
128
160
192
224
256
-40C
+25C
+85C
+125C
Volatile DAC Register Code
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0
1024
2048
3072
4096
-40C
+25C
+85C
+125C
Volatile DAC Register Code
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0
128
256
384
512
640
768
896
1024
-40C
+25C
+85C
+125C
Volatile DAC Register Code
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0
32
64
96
128
160
192
224
256
-40C
+25C
+85C
+125C
Volatile DAC Register Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com