Electronic Components Datasheet Search
  English  ▼

X  

MCP4706 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 16Page - Microchip Technology MCP4706 Datasheet HTML 17Page - Microchip Technology MCP4706 Datasheet HTML 18Page - Microchip Technology MCP4706 Datasheet HTML 19Page - Microchip Technology MCP4706 Datasheet HTML 20Page - Microchip Technology MCP4706 Datasheet HTML 21Page - Microchip Technology MCP4706 Datasheet HTML 22Page - Microchip Technology MCP4706 Datasheet HTML 23Page - Microchip Technology MCP4706 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
MCP4706/4716/4726
DS22272A-page 20
© 2011 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V, VRL = Internal, Gain = x1, RL = 5 kΩ, CL = 100 pF.
FIGURE 2-31:
Zero Scale Error (ZSE) vs.
Temperature (MCP4726).
VDD = 5V, VREF1:VREF0 = ‘10’, G = ‘0’,
VREF = VDD.
FIGURE 2-32:
Zero Scale Error (ZSE) vs.
Temperature (MCP4716).
VDD = 5V, VREF1:VREF0 = ‘10’, G = ‘0’,
VREF = VDD.
FIGURE 2-33:
Zero Scale Error (ZSE) vs.
Temperature (MCP4706).
VDD = 5V, VREF1:VREF0 = ‘10’, G = ‘0’,
VREF = VDD.
FIGURE 2-34:
Full Scale Error (FSE) vs.
Temperature (MCP4726).
VDD = 2.7V, VREF1:VREF0 = ‘10’, G = ‘0’,
VREF = VDD.
FIGURE 2-35:
Full Scale Error (FSE) vs.
Temperature (MCP4716).
VDD = 2.7V, VREF1:VREF0 = ‘10’, G = ‘0’,
VREF = VDD.
FIGURE 2-36:
Full Scale Error (FSE) vs.
Temperature (MCP4706).
VDD = 2.7V, VREF1:VREF0 = ‘10’, G = ‘0’,
VREF = VDD.
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
100
120
2.7V
5.0V
5.5V
Temperature (°C)
0.0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20
40
60
80
100
120
2.7V
5.0V
5.5V
Temperature (°C)
0.00
0.05
0.10
0.15
0.20
-40
-20
0
20
40
60
80
100
120
2.7V
5.0V
5.5V
Temperature (°C)
-32.0
-30.0
-28.0
-26.0
-24.0
-22.0
-20.0
-18.0
-40
-20
0
20
40
60
80
100
120
2.7V
5.0V
5.5V
Temperature (°C)
-8.0
-7.0
-6.0
-5.0
-4.0
-40
-20
0
20
40
60
80
100
120
2.7V
5.0V
5.5V
Temperature (°C)
-2.0
-1.5
-1.0
-0.5
0.0
-40
-20
0
20
40
60
80
100
120
2.7V
5.0V
5.5V
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com