Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3014 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYUSB3014
Description  EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYUSB3014 Datasheet HTML 1Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 2Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 3Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 4Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 5Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 6Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 7Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 8Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
PRELIMINARY
CYUSB3014
Document Number 001-52136 Rev. *H
Page 5 of 38
OTG Connectivity
In OTG mode, EZ-USB FX3 can be configured to be A, B, or dual
role device. It is able to connect to:
■ ACA device
■ Targeted USB peripheral
■ SRP capable USB peripheral
■ HNP capable USB peripheral
■ OTG host
■ HNP capable host
■ OTG device
ReNumeration
Because EZ-USB FX3's configuration is soft, one chip can take
on the identities of multiple distinct USB devices.
When first plugged into USB, EZ-USB FX3 enumerates
automatically with the Cypress Vendor ID (0x04B4) and
downloads firmware and USB descriptors over the USB
interface. The downloaded firmware executes a electrical
disconnect and connect. EZ-USB FX3 enumerates again, this
time as a device defined by the downloaded information. This
patented two step process called ReNumeration happens
instantly when the device is plugged in.
EZ-Dtect
EZ-USB FX3 supports USB Charger and accessory detection
(EZ-Dtect). The charger detection mechanism is in compliance
with the Battery Charging Specification Revision 1.1. In addition
to supporting this version of the specification EZ-USB FX3 also
provides hardware support to detect the resistance values on the
ID pin.
The following are the resistance ranges that EZ-USB FX3 can
detect:
■ Less than 10 Ω
■ Less than 1 kΩ
■ 65 kΩ to 72 kΩ
■ 35 kΩ to 39 kΩ
■ 99.96 kΩ to 104.4 kΩ (102 kΩ ± 2%)
■ 119 kΩ to 132 kΩ
■ Higher than 220 kΩ
■ 431.2 kΩ to 448.8 kΩ (440 kΩ ± 2%)
EZ-USB FX3's charger detection feature detects a dedicated
wall charger, Host/Hub charger, and Host/Hub.
VBUS Overvoltage Protection
The maximum input voltage on EZ-USB FX3's VBUS pin is 6V.
A charger can supply up to 9V on VBUS, in this case, it is
necessary to have an external Over voltage Protection (OVP)
device to protect EZ-USB FX3 from damage on VBUS. Figure 4
shows the system application diagram with an OVP device
connected on VBUS. Please refer to Table 7DC Specifications
for the operating range of VBUS and VBATT.
Figure 4. System Diagram with OVP Device For VBUS
Carkit UART Mode
The USB interface supports Carkit UART mode (UART over
D+/D-) for non-USB serial data transfer. This is based on the
CEA-936A specification.
In Carkit UART mode, the output signaling voltage is 3.3V. When
configured for Carkit UART mode, TXD of UART (output) is
mapped to D- line, and RXD of UART (input) is mapped to D+
line.
In Carkit mode, EZ-USB FX3 disables the USB transceiver and
D+ and D- pins serve as pass through pins to connect to the
UART of the host processor. The Carkit UART signals may be
routed to the GPIF II interface or to GPIO[48] and GPIO[49] as
shown in Figure 5 on page 6.
A rate of up to 9600 bps is supported by EZ-USB FX3 in this
mode.
POWER SUBSYSTEM
EZ-USB FX3
1
8
2
3
4
5
6
7
9
VBUS
GND
SSRX-
SSRX+
SSTX-
SSTX+
D-
D+
OTG_ID
OVP device
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com