Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3014 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYUSB3014
Description  EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYUSB3014 Datasheet HTML 4Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 5Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 6Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 7Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 8Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 9Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 10Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 11Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
PRELIMINARY
CYUSB3014
Document Number 001-52136 Rev. *H
Page 8 of 38
Reset
Hard Reset
A hard reset is initiated by asserting the Reset# pin on EZ-USB
FX3. The specific reset sequence and timing requirements are
detailed in Figure 17 and Table 15.
Soft Reset
Soft Reset involves the processor setting the appropriate bits in
the PP_INIT control register. There are two types of Soft Reset:
■ CPU Reset - The CPU Program Counter is reset. Firmware
does not need to be reloaded following a CPU Reset.
■ Whole Device Reset - This reset is identical to Hard Reset. The
firmware must be reloaded following a Whole Device Reset.
Clocking
EZ-USB FX3 allows either a crystal to be connected between the
XTALIN and XTALOUT pins or an external clock to be connected
at the CLKIN pin.
Crystal frequency supported is 19.2 MHz, while the external
clock frequencies supported are 19.2, 26, 38.4, and 52 MHz.
EZ-USB FX3 has an on-chip oscillator circuit that uses an
external 19.2 MHz (±100 ppm) crystal (when the crystal option is
used). The FSLC[2:0] pins must be configured appropriately to
select the crystal option/clock frequency option. The configu-
ration options are shown in Table 3.
Clock inputs to EZ-USB FX3 must meet the phase noise and
jitter requirements specified in Table 4.
The input clock frequency is independent of the clock/data rate
of EZ-USB FX3 core or any of the device interfaces (including
P-Port and S-Port). The internal PLL applies the appropriate
clock multiply option depending on the input frequency.
32-kHz Watchdog Timer Clock Input
EZ-USB FX3 includes a watchdog timer. The watchdog timer can
be used to interrupt the ARM926EJ-S core, auto wakeup
EZ-USB FX3 in Standby mode and reset the ARM926EJ-S core.
The watch dog timer runs off a 32 kHz clock. This 32 kHz clock
may optionally be supplied from an external source on a
dedicated pin of EZ-USB FX3.
The watchdog timer can be disabled by firmware.
Requirements for the optional 32 kHZ clock input are listed in
Table 5.
Table 3. Crystal/Clock Frequency Selection
FSLC[2]
FSLC[1]
FSLC[0]
Crystal/ Clock Frequency
0
0
0
19.2 MHz crystal
1
0
0
19.2 MHz input CLK
1
0
1
26 MHz input CLK
1
1
0
38.4 MHz input CLK
1
1
1
52 MHz input CLK
Table 4. Input Clock Specifications for EZ-USB FX3
Parameter
Description
Specification
Units
Min
Max
Phase noise
100 Hz Offset
–
–75
dB
1 kHz Offset
–
–104
dB
10 kHz Offset
–
–120
dB
100 kHz Offset
–
–128
dB
1 MHz Offset
–
–130
dB
Maximum frequency deviation
–
150
ppm
Duty cycle
30
70
%
Overshoot
–
3
%
Undershoot
–
–3
%
Rise time/fall time
–
3
ns
Table 5. 32 kHz Clock Input Requirements
Parameter
Min
Max
Units
Duty cycle
40
60
%
Frequency deviation
–
±200
ppm
Rise time/fall time
–
3
ns
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com