Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3014 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYUSB3014
Description  EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYUSB3014 Datasheet HTML 7Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 8Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 9Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 10Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 11Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 12Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 13Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 14Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
PRELIMINARY
CYUSB3014
Document Number 001-52136 Rev. *H
Page 11 of 38
Suspend Mode with
USB 3.0 PHY
Disabled (L2)
■ The power consumption in this
mode does not exceed ISB2
■ USB 3.0 PHY is disabled and
the USB interface is in
suspend mode
■ The clocks are shut off. The
PLLs are disabled
■ All I/Os maintain their previous
state
■ USB interface maintains the
previous state
■ Power supply for the wakeup
source and core power must
be retained. All other power
domains can be turned on/off
individually
■ The states of the configuration
registers, buffer memory and
all internal RAM are
maintained
■ All transactions must be
completed before EZ-USB
FX3 enters Suspend mode
(state of outstanding transac-
tions are not preserved)
■ The firmware resumes
operation from where it was
suspended (except when
woken up by RESET#
assertion) because the
program counter does not
reset
■ Firmware executing on
ARM926EJ-S core can put EZ-USB
FX3 into suspend mode. For
example, on USB suspend
condition, firmware may decide to
put EZ-USB FX3 into suspend
mode
■ External Processor, through the
use of mailbox registers can put
EZ-USB FX3 into suspend mode
■ D+ transitioning to low or high
■ D- transitioning to low or high
■ Impedance change on OTG_ID pin
■ Resume condition on SSRX +/-
■ Detection of VBUS
■ Level detect on UART_CTS
(programmable polarity)
■ GPIF II interface assertion of
CTL[0]
■ Assertion of RESET#
Table 6. Entry and Exit Methods for Low Power Modes (continued)
Low Power Mode
Characteristics
Methods of Entry
Methods of Exit
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com