Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3014 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CYUSB3014
Description  EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CYUSB3014 Datasheet HTML 19Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 20Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 21Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 22Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 23Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 24Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 25Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 26Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
PRELIMINARY
CYUSB3014
Document Number 001-52136 Rev. *H
Page 23 of 38
Asynchronous Slave FIFO Timing
Figure 12. Asynchronous Slave FIFO Read Mode
Asynchronous Slave FIFO Read Sequence
Description
■ FIFO address is stable and the SLCS# signal is asserted.
■ SLOE# is asserted. This results in the data bus being driven.
■ SLRD # is asserted.
■ Data from the FIFO is driven on assertion of SLRD#. This data
is valid after a propagation delay of tRDO from the falling edge
of SLRD#.
■ FIFO pointer is incremented on de-assertion of SLRD#
In the above diagram , data N is the first valid data read from the
FIFO. For data to appear on the data bus during the read cycle
SLOE# must be in an asserted state. SLRD# and SLOE# can
also be tied together.
The same sequence of events is also shown for a burst read.
Note: In burst read mode, during SLOE# assertion, the data bus
is in a driven state (data driven is from previously addressed
FIFO). On assertion of SLRD# data from the FIFO is driven on
the data bus (SLOE# must also be asserted) and the FIFO
pointer is incremented on de-assertion of SLRD#.
FIFO ADDR
tAS
SLCS
SLRD
tRDl
SLOE
FLAGA
dedicated thread Flag for An
(1=Not empty 0 = Empty)
tOE
Data Out
High-Z
tAH
DN(An)
tRDO
tOE
tRDO
tOH
tOH
tRDh
tRDO
tLZ
DN(An)
DN(Am)
DN+1(Am)
DN+2(Am)
SLWR
(HIGH)
An
Am
FLAGB
dedicated thread Flag for Am
(1=Not empty 0 = Empty)
tRFLG
tFLG
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com