Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3014 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CYUSB3014
Description  EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CYUSB3014 Datasheet HTML 12Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 13Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 14Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 15Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 16Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 17Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 18Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 19Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
PRELIMINARY
CYUSB3014
Document Number 001-52136 Rev. *H
Page 16 of 38
AC Timing Parameters
GPIF II Timing
Figure 7. GPIF II Timing in Synchronous Mode
-
CTL(O UT)
CTL(IN)
tS
tH
tDH
tDS
tCLK
CLK
tCTLO
tCO E
Data(IN)
Data 1
(O UT)
tHZ
tLZ
tDO H
tCO H
tCLKH tCLKL
tLZ
Data 2
(O UT)
tCO
tDO H
DQ [31:0]
Note
3. All parameters guaranteed by design and validated through characterization.
Table 8. GPIF II Timing Parameters in Synchronous Mode[3]
Parameter
Description
Min
Max
Unit
Frequency
Interface clock frequency
–
100
MHz
tCLK
Interface clock period
10
–
ns
tCLKH
Clock high time
4
–
ns
tCLKL
Clock low time
4
–
ns
tS
CTL input to clock setup time
(Sync speed =1)
2–
ns
tH
CTL input to clock hold time
(Sync speed =1)
0.5
–
ns
tDS
Data in to clock setup time
(Sync speed =1)
2–
ns
tDH
Data in to clock hold time
(Sync speed =1)
0.5
–
ns
tCO
Clock to data out propagation delay when DQ bus is already in
output direction(Sync speed =1)
–8
ns
tCOE
Clock to data out propagation delay when DQ lines change to
output from tristate and valid data is available on the DQ bus
(Sync speed =1)
-9
tCTLO
Clock to CTL out propagation delay (Sync speed =1)
–
8
ns
tDOH
Clock to data out hold
2
–
ns
tCOH
Clock to CTL out hold
0
–
ns
tHZ
Clock to High-Z
–
8
ns
tLZ
Clock to Low-Z (Sync speed =1)
0
–
ns
tS_ss0
CTL input/data input to clock setup time (Sync speed = 0)
5
–
ns
tH_ss0
CTL input/data input to clock hold time (Sync speed = 0)
2.5
–
ns
tCO_ss0
Clock to data out / CTL out
propagation delay (sync speed = 0)
–15
ns
tLZ_ss0
Clock to low-Z (sync speed = 0)
2
–
ns
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com