Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3014 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYUSB3014
Description  EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYUSB3014 Datasheet HTML 6Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 7Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 8Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 9Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 10Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 11Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 12Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 13Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
PRELIMINARY
CYUSB3014
Document Number 001-52136 Rev. *H
Page 10 of 38
The different low power modes are described in Table 6..
Table 6. Entry and Exit Methods for Low Power Modes
Low Power Mode
Characteristics
Methods of Entry
Methods of Exit
Suspend Mode with
USB 3.0 PHY
Enabled (L1)
■ The power consumption in this
mode does not exceed ISB1
■ USB 3.0 PHY is enabled and
is in U3 mode (one of the
suspend modes defined by
the USB3.0 specification).
This one block alone is opera-
tional with its internal clock
while all other clocks are shut
down
■ All I/Os maintain their previous
state
■ Power supply for the wakeup
source and core power must
be retained. All other power
domains can be turned on/off
individually
■ The states of the configuration
registers, buffer memory and
all internal RAM are
maintained
■ All transactions must be
completed before EZ-USB
FX3 enters Suspend mode
(state of outstanding transac-
tions are not preserved)
■ The firmware resumes
operation from where it was
suspended (except when
woken up by RESET#
assertion) because the
program counter does not
reset
■ Firmware executing on
ARM926EJ-S core can put EZ-USB
FX3 into suspend mode. For
example, on USB suspend
condition, firmware may decide to
put EZ-USB FX3 into suspend
mode
■ External Processor, through the
use of mailbox registers can put
EZ-USB FX3 into suspend mode
■ D+ transitioning to low or high
■ D- transitioning to low or high
■ Impedance change on OTG_ID pin
■ Resume condition on SSRX +/-
■ Detection of VBUS
■ Level detect on UART_CTS
(programmable polarity)
■ GPIF II interface assertion of
CTL[0]
■ Assertion of RESET#
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com