Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3014 Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # CYUSB3014
Description  EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014 Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button CYUSB3014 Datasheet HTML 21Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 22Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 23Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 24Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 25Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 26Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 27Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 28Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
PRELIMINARY
CYUSB3014
Document Number 001-52136 Rev. *H
Page 25 of 38
Asynchronous Slave FIFO Write Sequence
Description
■ FIFO address is driven and SLCS# is asserted
■ SLWR# is asserted. SLCS# must be asserted with SLWR# or
before SLWR# is asserted
■ Data must be present on the bus tWRS before the deasserting
edge of SLWR#
■ De-assertion of SLWR# causes the data to be written from the
data bus to the FIFO and then FIFO pointer is incremented
■ The FIFO flag is updated after the tWFLG from the de-asserting
edge of SLWR.
The same sequence of events is shown for a burst write.
Note that in the burst write mode, on SLWR# de-assertion, the
data is written to the FIFO and then the FIFO pointer is incre-
mented.
Short Packet: A short packet can be committed to the USB host
by using the PKTEND#. The external device/processor should
be designed to assert the PKTEND# along with the last word of
data and SLWR# pulse corresponding to the last word. The
FIFOADDR lines have to be held constant during the PKTEND#
assertion.
Zero Length Packet: The external device/processor can signal a
Zero Length Packet (ZLP) to EZ-USB FX3, simply by asserting
PKTEND#, without asserting SLWR#. SLCS# and address must
be driven as shown in the above timing diagram.
FLAG Usage: The FLAG signals are monitored by the external
processor for flow control. FLAG signals are outputs from
EZ-USB FX3 that may be configured to show empty/full/partial
status for a dedicated address or the current address.
Note
6. All parameters guaranteed by design and validated through characterization.
Table 11. Asynchronous Slave FIFO Parameters[6]
Parameter
Description
Min
Max
Units
tRDI
SLRD# low
20
–
ns
tRDh
SLRD# high
10
–
ns
tAS
Address to SLRD#/SLWR# setup time
7
–
ns
tAH
SLRD#/SLWR#/PKTEND to address hold time
2
–
ns
tRFLG
SLRD# to FLAGS output propagation delay
–
35
ns
tFLG
ADDR to FLAGS output propagation delay
22.5
tRDO
SLRD# to data valid
–
25
ns
tOE
OE# low to data valid
–
25
ns
tLZ
OE# low to data low-Z
0
–
ns
tOH
SLOE# deassert data output hhold
–
22.5
ns
tWRI
SLWR# low
20
–
ns
tWRh
SLWR# high
10
–
ns
tWRS
Data to SLWR# setup time
7
–
ns
tWRH
SLWR# to Data Hold time
2
–
ns
tWFLG
SLWR#/PKTEND to Flags output propagation delay
–
35
ns
tPEI
PKTEND low
7.5
–
ns
tPEh
PKTEND high
7.5
–
ns
tWRPE
SLWR# deassert to PKTEND deassert
0
–
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com