Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3014 Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # CYUSB3014
Description  EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014 Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button CYUSB3014 Datasheet HTML 26Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 27Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 28Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 29Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 30Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 31Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 32Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 33Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
PRELIMINARY
CYUSB3014
Document Number 001-52136 Rev. *H
Page 30 of 38
Reset Sequence
The hard reset sequence requirements for EZ-USB FX3 are specified here.
Notes
9. All parameters guaranteed by design and validated through characterization.
10. Depends on LAG and LEAD setting in SPI_CONFIG register.
Table 14. SPI Timing Parameters[9]
Parameter
Description
Min
Max
Units
fop
Operating frequency
0
33
MHz
tsck
Cycle time
30
–
ns
twsck
Clock high/low time
13.5
–
ns
tlead
SSN-SCK lead time
1/2 tsck[10]-5
1.5tsck[10]+ 5
ns
tlag
Enable lag time
0.5
1.5 tsck[10]+5
ns
trf
Rise/fall time
–
8
ns
tsdd
Output SSN to valid data delay time
–
5
ns
tdv
Output data valid time
–
5
ns
tdi
Output data invalid
0
–
ns
tssnh
Minimum SSN high time
10
–
ns
tsdi
Data setup time input
8
–
ns
thoi
Data hold time input
0
–
ns
tdis
Disable data output on SSN high
0
–
ns
Table 15. Reset and Standby Timing Parameters
Parameter
Definition
Conditions
Min (ms)
Max (ms)
tRPW
Minimum RESET# pulse width
Clock Input
1
–
Crystal Input
5
–
tRH
Minimum high on RESET#
–
5
–
tRR
Reset recovery time (after which Boot loader begins
firmware download)
–1
–
tSBY
Time to enter standby/suspend (from the time
MAIN_CLOCK_EN/ MAIN_POWER_EN bit is set)
––
1
tWU
Time to wakeup from standby
Clock Input
1
–
Crystal Input
5
–
tWH
Minimum time before Standby/Suspend source may
be reasserted
–5
–
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com