Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3014 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYUSB3014
Description  EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYUSB3014 Datasheet HTML 2Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 3Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 4Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 5Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 6Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 7Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 8Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 9Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
PRELIMINARY
CYUSB3014
Document Number 001-52136 Rev. *H
Page 6 of 38
Figure 5. Carkit UART Pass Through Block Diagram
GPIF II
EZ-USB FX3 offers a high performance General Programmable
Interface, GPIF II. This interface enables functionality similar to
but more advanced than FX2LP's GPIF and Slave FIFO
interfaces.
The GPIF II is a programmable state machine that enables a
flexible interface that may function either as a master or slave in
industry standard or proprietary interfaces. Both parallel and
serial interfaces may be implemented with GPIF II.
The features of the GPIF II are summarized as follows:
■ Functions as master or slave
■ Provides 256 firmware programmable states
■ Supports 8 bit, 16 bit and 32 bit parallel data bus
■ Enables interface frequencies up to 100 MHz.
■ Supports 14 configurable control pins when 32 bit data bus is
used. All control pins can be either input/output or bidirectional.
■ Supports 16 configurable control pins when 16/8 data bus is
used. All control pins can be either input/output or bidirectional.
GPIFII state transitions occur based on control input signals. The
control output signals are driven as a result of GPIFII state transi-
tions. The behavior of the GPIFII state machine is defined by a
GPIFII descriptor. The GPIFII descriptor is designed such that
the required interface specifications are met. 8kB of memory
(separate from the 512kB of embedded SRAM) is dedicated as
GPIF II Waveform memory where the GPIF II descriptor is stored
in a specific format.
Cypress’ GPIFII Designer Tool enables fast development of
GPIFII descriptors and includes examples for common inter-
faces.
Example implementations of GPIF II are the Asynchronous
Slave FIFO and Synchronous Slave FIFO interfaces.
Slave FIFO interface
The Slave FIFO interface signals are shown in Figure 6. This
interface allows an external processor to directly access upto 4
buffers internal to EZ-USB FX3. Further details of the Slave FIFO
interface are described on page 19
Note: Access to all 32 buffer is also supported over Slave FIFO
interface. For details, please contact Cypress Applications
Support.
Figure 6. Slave FIFO Interface
CPU
EZ-USB FX3 has an on chip 32-bit, 200 MHz ARM926EJ-S core
CPU. The core has direct access to 16kB of Instruction Tightly
Coupled Memory (TCM) and 8kB of Data TCM. The
ARM926EJ-S core provides a JTAG interface for firmware
debugging.
EZ-USB FX3 also integrates 512 kB of embedded SRAM for
code and data, and 8kB of Instruction cache and Data cache.
EZ-USB FX3 implements highly efficient and flexible DMA
connectivity between the various peripherals (i.e. USB, GPIF II,
I2S, SPI,UART), requiring firmware to only configure data
accesses between peripherals which are then managed by the
DMA fabric.
EZ-USB FX3 allows for easy application development on
industry standard development tools for ARM926EJ-S.
Examples of EZ-USB FX3 firmware are available with the
Cypress EZ-USB FX3 Development Kit.
Software APIs that can be ported to an external processor are
available with the Cypress EZ-USB FX3 Software Development
Kit.
Carkit UART Pass Through
Carkit UART pass through
interface on GPIF(TM)II
interface.
RXD (DP)
TXD (DM)
USB PHY
DP
DM
TXD
RXD
UART_TXD
UART_RXD
GPIO[48]
(UART_TX)
GPIO[49]
(UART_RX)
Carkit UART pass through
interface on GPIOs
External
Processor
EZ-USB FX3
SLCS#
A[1:0]
D[31:0]
SLRD#
SLOE#
SLWR#
PKTEND
FLAGA
FLAGB
Note: Multiple Flags may be configured.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com