Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3014 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYUSB3014
Description  EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYUSB3014 Datasheet HTML 5Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 6Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 7Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 8Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 9Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 10Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 11Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 12Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
PRELIMINARY
CYUSB3014
Document Number 001-52136 Rev. *H
Page 9 of 38
Power
EZ-USB FX3 has the following power supply domains.
IO_VDDQ: This refers to a group of independent supply domains
for digital I/Os. The voltage level on these supplies is 1.8V to
3.3V. EZ-USB FX3 provides six independent supply domains for
digital I/Os listed as follows. Refer to Table 16 for details on the
signals assigned to each power domain.
■ VIO1 - GPIF II I/O power supply domain
■ VIO2 - IO2 power supply domain
■ VIO3 - IO3 power supply domain
■ VIO4 - UART/SPI/I2S power supply domain
■ VIO5 - I2C and JTAG power supply domain (1.2V to 3.3V is
supported)
■ CVDDQ - Clock power supply domain
■ VDD: This is the supply voltage for the logic core. The nominal
supply voltage level is 1.2 V. This supplies the core logic
circuits. The same supply must also be used for the following:
❐ AVDD: This is the 1.2 V supply for the PLL, crystal oscillator
and other core analog circuits
❐ U3TXVDDQ/U3RXVDDQ: These are the 1.2 V supply volt-
ages for the USB 3.0 interface.
VBATT/VBUS: This is the 3.2V to 6V battery power supply for
the USB I/O, and analog circuits. This supply powers the USB
transceiver through EZ-USB FX3's internal voltage regulator.
VBATT is internally regulated to 3.3V.
Power Modes
EZ-USB FX3 supports different power modes as follows:
■ Normal mode: This is the full functional operating mode. In this
mode the internal CPU clock and the internal PLLs are enabled.
Normal operating power consumption does not exceed the sum
of ICC_CORE max and ICC_USB max (please refer to Table 7
for current consumption specifications).
The I/O power supplies (VIO1,VIO2,VIO3,VIO4, VIO5) may be
turned off when the corresponding interface is not in use.
EZ-USB FX3 supports four low power modes:
■ Suspend mode with USB 3.0 PHY enabled (L1)
■ Suspend mode with USB 3.0 PHY disabled (L2)
■ Standby mode (L3)
■ Core power down mode (L4)
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com