Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 103 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850 Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 99Page - NXP Semiconductors LPC1850 Datasheet HTML 100Page - NXP Semiconductors LPC1850 Datasheet HTML 101Page - NXP Semiconductors LPC1850 Datasheet HTML 102Page - NXP Semiconductors LPC1850 Datasheet HTML 103Page - NXP Semiconductors LPC1850 Datasheet HTML 104Page - NXP Semiconductors LPC1850 Datasheet HTML 105Page - NXP Semiconductors LPC1850 Datasheet HTML 106Page - NXP Semiconductors LPC1850 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 142 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2.2 — 9 September 2011
103 of 142
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
11.5 SSP interface
[1]
Tcy(clk) = (SSPCLKDIV  (1 + SCR)  CPSDVSR) / fmain. The clock cycle time derived from the SPI bit rate Tcy(clk) is a function of the
main clock frequency fmain, the SSP peripheral clock divider (SSPCLKDIV), the SSP SCR parameter (specified in the SSP0CR0
register), and the SSP CPSDVSR parameter (specified in the SSP clock prescale register).
[2]
Tamb = 40 C to 85 C; VDD(REG)(3V3) = 2.0 V to 3.6 V; VDD(IO) = 2.0 V to 3.6 V.
[3]
Tcy(clk) = 12  Tcy(PCLK).
[4]
Tamb = 25 C; VDD(REG)(3V3) = 3.3 V; VDD(IO) = 3.3 V.
Table 14.
Dynamic characteristics: SSP pins in SPI mode
Symbol
Parameter
Conditions
Min
Max
Unit
Tcy(PCLK)
PCLK cycle time
<tbd>
-
ns
Tcy(clk)
clock cycle time
full-duplex mode
[1]
<tbd>
-
ns
when only
transmitting
<tbd>
-
ns
SSP master
tDS
data set-up time
in SPI mode
[2]
<tbd>
Tcy(clk)
ns
tDH
data hold time
in SPI mode
[2]
-
<tbd>
ns
tv(Q)
data output valid time
in SPI mode
[2]
-
<tbd>
ns
th(Q)
data output hold time
in SPI mode
[2]
-
<tbd>
ns
SSP slave
tDS
data set-up time
in SPI mode
[3][4]
<tbd>
-
ns
tDH
data hold time
in SPI mode
[3][4]
<tbd>
 T
cy(PCLK) +
<tbd>
-ns
tv(Q)
data output valid time
in SPI mode
[3][4]
-<tbd>
 T
cy(PCLK) +
<tbd>
ns
th(Q)
data output hold time
in SPI mode
[3][4]
-<tbd>
 T
cy(PCLK) +
<tbd>
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com