Electronic Components Datasheet Search
  English  ▼

X  

INA826 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA826 Datasheet HTML 3Page - Texas Instruments INA826 Datasheet HTML 4Page - Texas Instruments INA826 Datasheet HTML 5Page - Texas Instruments INA826 Datasheet HTML 6Page - Texas Instruments INA826 Datasheet HTML 7Page - Texas Instruments INA826 Datasheet HTML 8Page - Texas Instruments INA826 Datasheet HTML 9Page - Texas Instruments INA826 Datasheet HTML 10Page - Texas Instruments INA826 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
0
200
400
600
800
1000
1200
1400
1600
VOSI (µV)
G026
0
5
10
15
20
25
VOSI Drift (µV/°C)
G029
0
200
400
600
800
1000
1200
1400
1600
VOSO (µV)
G025
0
5
10
15
20
25
VOSO Drift (µV/°C)
G030
0
500
1000
1500
2000
IB (nA)
G027
0
500
1000
1500
2000
2500
3000
IOS (nA)
G028
INA826
www.ti.com
SBOS562B
– AUGUST 2011 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1, unless otherwise noted.
TYPICAL DISTRIBUTION OF
TYPICAL DISTRIBUTION OF
INPUT OFFSET VOLTAGE
INPUT OFFSET VOLTAGE DRIFT
Figure 1.
Figure 2.
TYPICAL DISTRIBUTION OF
TYPICAL DISTRIBUTION OF
OUTPUT OFFSET VOLTAGE
OUTPUT OFFSET VOLTAGE DRIFT
Figure 3.
Figure 4.
TYPICAL DISTRIBUTION OF
TYPICAL DISTRIBUTION OF
INPUT BIAS CURRENT
INPUT OFFSET CURRENT
Figure 5.
Figure 6.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): INA826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com